Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS377 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS377
Description  Octal D Flip-Flop with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS377 Datasheet(HTML) 1 Page - SYC Electronica

  74LS377 Datasheet HTML 1Page - SYC Electronica 74LS377 Datasheet HTML 2Page - SYC Electronica 74LS377 Datasheet HTML 3Page - SYC Electronica 74LS377 Datasheet HTML 4Page - SYC Electronica 74LS377 Datasheet HTML 5Page - SYC Electronica 74LS377 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SN74LS377
Octal D Flip-Flop
with Enable
The SN74LS377 is an 8-bit register built using advanced Low
Power Schottky technology. This register consists of eight D-type
flip-flops with a buffered common clock and a buffered common
clock enable.
• 8-Bit High Speed Parallel Registers
• Positive Edge-Triggered D-Type Flip Flops
• Fully Buffered Common Clock and Enable Inputs
• True and Complement Outputs
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
ORDERING INFORMATION
SN74LS377N
16 Pin DIP
SN74LS377DW
16 Pin
SOIC
DW SUFFIX
CASE 751D
PLASTIC
N SUFFIX
CASE 738
20
1
20
1
74LS377
www.sycelectronica.com.ar


Similar Part No. - 74LS377

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS377 MOTOROLA-74LS377 Datasheet
250Kb / 7P
OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
ON Semiconductor
74LS377 ONSEMI-74LS377 Datasheet
127Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS377 TI-74LS377 Datasheet
180Kb / 16P
OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH ENABLE
logo
Fairchild Semiconductor
74LS377 FAIRCHILD-74LS377 Datasheet
55Kb / 5P
Octal D-Type Flip-Flop with Common Enable and Clock
More results

Similar Description - 74LS377

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
Octal D Flip-Flop with Clock Enable
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
Octal D Flip-Flop with Clock Enable
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
Octal D-type flip-flop with enable
1997 Feb 26
74ALS377 PHILIPS-74ALS377 Datasheet
122Kb / 10P
Octal D flip-flop with enable
1991 Feb 08
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
Octal D-type flip-flop with enable
1996 Mar 12
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
OCTAL D FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com