Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS688 Datasheet(PDF) 2 Page - SYC Electronica

Part # 74LS688
Description  8-BIT MAGNITUDE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS688 Datasheet(HTML) 2 Page - SYC Electronica

  74LS688 Datasheet HTML 1Page - SYC Electronica 74LS688 Datasheet HTML 2Page - SYC Electronica 74LS688 Datasheet HTML 3Page - SYC Electronica 74LS688 Datasheet HTML 4Page - SYC Electronica 74LS688 Datasheet HTML 5Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN54/74LS682
• SN54/74LS684 • SN54/74LS688
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
–0.4
mA
IOL
Output Current — Low
54
74
12
24
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
LS628-Q Inputs
0.1
mA
VCC = MAX, VIN = 5.5 V
IH
Others
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
LS682-Q Inputs
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IIL
Input LOW Current
Others
– 0.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 30
– 130
mA
VCC = MAX
ICC
Power Supply
Current
LS682
70
mA
VCC = MAX
ICC
Power Supply
Current
LS684
65
mA
VCC = MAX
CC
Current
LS688
65
mA
CC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com