Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS688 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS688
Description  8-BIT MAGNITUDE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS688 Datasheet(HTML) 4 Page - SYC Electronica

  74LS688 Datasheet HTML 1Page - SYC Electronica 74LS688 Datasheet HTML 2Page - SYC Electronica 74LS688 Datasheet HTML 3Page - SYC Electronica 74LS688 Datasheet HTML 4Page - SYC Electronica 74LS688 Datasheet HTML 5Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN54/74LS682
•SN54/74LS684•SN54/74LS688
AC CHARACTERISTICS (TA = 25°C)
SN54/74LS682
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
13
15
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P = Q
14
15
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, P to P > Q
20
15
30
30
ns
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P > Q
21
19
30
30
ns
SN54/74LS684
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
15
17
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P = Q
16
15
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, P to P > Q
22
17
30
30
ns
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P > Q
24
20
30
30
ns
SN54/74LS688
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
12
17
18
23
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P = Q
12
17
18
23
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, G , G1 to P = Q
12
13
18
20
ns
RL = 667 Ω
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com