Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR30 Datasheet(PDF) 5 Page - Same Sky Devices

Part # PR30
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR30 Datasheet(HTML) 5 Page - Same Sky Devices

  PR30 Datasheet HTML 1Page - Same Sky Devices PR30 Datasheet HTML 2Page - Same Sky Devices PR30 Datasheet HTML 3Page - Same Sky Devices PR30 Datasheet HTML 4Page - Same Sky Devices PR30 Datasheet HTML 5Page - Same Sky Devices PR30 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAME SKY | SERIES: PR30 | DESCRIPTION: POWER RELAY
date 09/12/2024 | page 5 of 6
sameskydevices.com
CHARACTERISTIC CURVES
Coil Temperature Rise
Life Curve
Maximum Switching Power
Percentage of Nominal Coil Voltage (%)
Contact Voltage (V)
Contact Current (A)
NO
NC
Test Conditions:
NO contact, resistive load, room temp, flux
protection, 250 Vac/30 Vdc, 1 second on 9
seconds off
NC contact, resistive load, room temp, flux
protection, 250 Vac/30 Vdc, 1 second on 9
seconds off
Test Conditions:
5 A at 85⁰C
Mounting Distance: 10 mm
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com