Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR30 Datasheet(PDF) 1 Page - Same Sky Devices

Part # PR30
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR30 Datasheet(HTML) 1 Page - Same Sky Devices

  PR30 Datasheet HTML 1Page - Same Sky Devices PR30 Datasheet HTML 2Page - Same Sky Devices PR30 Datasheet HTML 3Page - Same Sky Devices PR30 Datasheet HTML 4Page - Same Sky Devices PR30 Datasheet HTML 5Page - Same Sky Devices PR30 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 09/12/2024
page 1 of 6
SERIES: PR30 | DESCRIPTION: POWER RELAY
sameskydevices.com
FEATURES
• 10 amp
• 1 form A
• 1 form C
MODEL
coil
voltage
coil
resistance
operating
voltage1
release
voltage
continuous
voltage
coil
power
typ
(Vdc)
(Ω
±10%)
min
(Vdc)
max
(Vdc)
max
(Vdc)
max
(mW)
PR30-3V-450
3
20
2.3
0.3
3.9
450
PR30-5V-450
5
55
3.8
0.5
6.5
450
PR30-6V-450
6
80
4.5
0.6
7.8
450
PR30-9V-450
9
180
6.8
0.9
11.7
450
PR30-12V-450
12
320
9.0
1.2
15.6
450
PR30-18V-450
18
720
13.5
1.8
23.4
450
PR30-24V-450
24
1,280
18.0
2.4
31.2
450
PR30-48V-450
48
5,120
36.0
4.8
62.4
450
Notes:
1. Relay may pull in with less than operating voltage.
2. All specifications are measured at 20°C unless otherwise specified.
PART NUMBER KEY
Base Number
PR30 - XX - 450 - XX - X
Coil Voltage (Vdc):
3V = 3
5V = 5
6V = 6
9V = 9
12V = 12
18V = 18
24V = 24
48V = 48
Sealing:
“blank” = Flux Protection
E = Epoxy Sealed
Contact Form:
1A = 1 Form A
1C = 1 Form C
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | PCB Footprint


Similar Part No. - PR30

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR30 CML-PR30 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
PR30 VCC-PR30 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Autonics Corporation
PR30-10AC AUTONICS-PR30-10AC Datasheet
135Kb / 6P
Cylindrical Type Proximity Sensor
PR30-10AO AUTONICS-PR30-10AO Datasheet
135Kb / 6P
Cylindrical Type Proximity Sensor
logo
List of Unclassifed Man...
PR30-10DN ETC2-PR30-10DN Datasheet
136Kb / 6P
Cylindrical Type Proximity Sensor
More results

Similar Description - PR30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
POWER RELAY
08/15/2022
PR19 CUI-PR19 Datasheet
446Kb / 5P
POWER RELAY
08/09/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com