Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237389 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237389
Description  SACC-CI-M12FSX-8CON-L90X - Contact carrier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237389 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237389 Datasheet HTML 1Page - PHOENIX CONTACT 1237389 Datasheet HTML 2Page - PHOENIX CONTACT 1237389 Datasheet HTML 3Page - PHOENIX CONTACT 1237389 Datasheet HTML 4Page - PHOENIX CONTACT 1237389 Datasheet HTML 5Page - PHOENIX CONTACT 1237389 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Contact carrier, Ethernet CAT6A (10 Gbps), 8-position, Socket, angled, M12, coding: X, PCB
mounting, Wave soldering, Item is lead-free in accordance with RoHS II without Exemption 6c
(Pb < 0.1 %)
Your advantages
Reduced mounting costs thanks to two-piece device connector
•
All common pin assignments and codings available
•
Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
•
Commercial data
Item number
1237389
Packing unit
20 pc
Minimum order quantity
20 pc
Product key
ABQAHS
GTIN
4063151431693
Weight per piece (including packing)
6.75 g
Weight per piece (excluding packing)
6.205 g
Country of origin
DE
SACC-CI-M12FSX-8CON-L90X - Contact carrier
1237389
https://www.phoenixcontact.com/us/products/1237389
Jan 22, 2025, 12:20 AM
Page 1 (6)


Similar Part No. - 1237389

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237390 PHOENIX-1237390 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
1237394 PHOENIX-1237394 Datasheet
337Kb / 9P
SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
1237395 PHOENIX-1237395 Datasheet
1Mb / 9P
SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
1237396 PHOENIX-1237396 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
More results

Similar Description - 1237389

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1440928 PHOENIX-1440928 Datasheet
367Kb / 9P
SACC-MCI-M12MS-8CON - Contact carrier
1551422 PHOENIX-1551422 Datasheet
909Kb / 18P
SACC-CI-M12FS-8CON-L180-THR SH - Contact insert
1424194 PHOENIX-1424194 Datasheet
670Kb / 15P
SACC-CI-M12MS-12CON-L90 - Contact carrier
1457526 PHOENIX-1457526 Datasheet
705Kb / 15P
SACC-CI-M12MS- 5CON-TOR 32 - Contact carrier
1551477 PHOENIX-1551477 Datasheet
1Mb / 17P
SACC-CI-M12FSB-5CON-L180 - Contact carrier
1457681 PHOENIX-1457681 Datasheet
789Kb / 18P
SACC-CI-M12FS-8CON-SH TOR 32 - Contact carrier
1457827 PHOENIX-1457827 Datasheet
501Kb / 10P
SACC-MCI-M12MS-8CON/0,5 - Contact carrier
1424193 PHOENIX-1424193 Datasheet
612Kb / 14P
SACC-CI-M12FSY-8CON-L90 - Contact carrier
1239843 PHOENIX-1239843 Datasheet
627Kb / 15P
SACC-CI-M12FS-8CON-SH TOR 32X - Contact carrier
1238713 PHOENIX-1238713 Datasheet
556Kb / 14P
SACC-CI-M12FSY-8CON-L180 THRX - Contact carrier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com