Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237389 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237389
Description  SACC-CI-M12FSX-8CON-L90X - Contact carrier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237389 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237389 Datasheet HTML 1Page - PHOENIX CONTACT 1237389 Datasheet HTML 2Page - PHOENIX CONTACT 1237389 Datasheet HTML 3Page - PHOENIX CONTACT 1237389 Datasheet HTML 4Page - PHOENIX CONTACT 1237389 Datasheet HTML 5Page - PHOENIX CONTACT 1237389 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Notes
Notes on operation
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
Product properties
Product type
Contact insert
Application
Data
Sensor type
Ethernet
Number of positions
8
Seal present
no
Shielded
yes
Coding
X
Thread type
M12
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
0.8 kV
Contact resistance
< 3 mΩ
Insulation resistance
> 100 MΩ
50 V AC (Data)
Nominal voltage UN
60 V DC
Nominal current IN
0.5 A (Data)
Transmission characteristics (category)
CAT6A
Connection data
Connection method
Wave soldering
Interfaces
Signal type/category
Ethernet CAT6A, 10 Gbps
Material specifications
Flammability rating according to UL 94
V0
Contact material
Copper alloy
Contact surface material
Gold
Contact carrier material
PA 6T/66
Connector
SACC-CI-M12FSX-8CON-L90X - Contact carrier
1237389
https://www.phoenixcontact.com/us/products/1237389
Jan 22, 2025, 12:20 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com