Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4385VT Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4385VT
Description  108dB 192kHz 24-Bit 2ch ?誇 DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4385VT Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4385VT Datasheet HTML 1Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ASAHI KASEI
[AK4385]
MS0246-E-01
2006/01
- 2 -
Ordering Guide
AK4385ET
-20
∼ +85°C
16pin TSSOP (0.65mm pitch)
AK4385VT
-40
∼ +85°C
16pin TSSOP (0.65mm pitch)
AKD4385
Evaluation Board for AK4385
Pin Layout
1
MCLK
LRCK
BICK
CSN
CCLK
CDTI
Top
View
2
3
4
5
6
7
8
DZFL
DZFR
VSS
VDD
AOUTL+
AOUTL-
AOUTR+
AOUTR-
16
15
14
13
12
11
10
9
PDN
SDTI
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
MCLK
I
Master Clock Input Pin
An external TTL clock should be input on this pin.
2
BICK
I
Audio Serial Data Clock Pin
3
SDTI
I
Audio Serial Data Input Pin
4
LRCK
I
L/R Clock Pin
5
PDN
I
Power-Down Mode Pin
When at “L”, the AK4385 is in the power-down mode and is held in reset.
The AK4385 must be reset once upon power-up.
6
CSN
I
Chip Select Pin
7
CCLK
I
Control Data Input Pin
8
CDTI
I
Control Data Input Pin in serial mode
9
AOUTR-
O
Rch Negative Analog Output Pin
10
AOUTR+
O
Rch Positive Analog Output Pin
11
AOUTL-
O
Lch Negative Analog Output Pin
12
AOUTL+
O
Lch Positive Analog Output Pin
13
VSS
-
Ground Pin
14
VDD
-
Power Supply Pin
15
DZFR
O
Rch Data Zero Input Detect Pin
16
DZFL
O
Lch Data Zero Input Detect Pin
Note: All input pins should not be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com