Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4385VT Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK4385VT
Description  108dB 192kHz 24-Bit 2ch ?誇 DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4385VT Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK4385VT Datasheet HTML 9Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 10Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 11Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 12Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 13Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 14Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 15Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 16Page - Asahi Kasei Microsystems AK4385VT Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ASAHI KASEI
[AK4385]
MS0246-E-01
2006/01
- 13 -
Zero Detection
The AK4385 has channel-independent zeros detect function. When the input data at each channel is continuously zeros
for 8192 LRCK cycles, DZF pin of each channel goes to “H”. DZF pin of each channel immediately goes to “L” if input
data of each channel is not zero after going DZF “H”. If RSTN bit is “0”, DZF pins of both channels go to “H”. DZF pin
of both channels go to “L” at 2~3/fs after RSTN bit returns to “1”. If DZFM bit is set to “1”, DZF pins of both channels go
to “H” only when the input data at both channels are continuously zeros for 8192 LRCK cycles. Zero detect function can
be disabled by DZFE bit. In this case, DZF pins of both channels are always “L”. DZFB bit can invert the polarity of DZF
pin.
Soft Mute Operation
Soft mute operation is performed at digital domain. When the SMUTE bit goes to “1”, the output signal is attenuated by
-
∞ during ATT_DATA×ATT transition time (Table 9) from the current ATT level. When the SMUTE bit is returned to
“0”, the mute is cancelled and the output attenuation gradually changes to the ATT level during ATT_DATA
×ATT
transition time. If the soft mute is cancelled before attenuating to -
∞ after starting the operation, the attenuation is
discontinued and returned to ATT level by the same cycle. The soft mute is effective for changing the signal source
without stopping the signal transmission.
SMUTE bit
Attenuation
DZF pin
ATT Level
-
∞
AOUT
8192/fs
GD
GD
(1)
(2)
(3)
(4)
(1)
Notes:
(1) ATT_DATA
×ATT transition time (Table 9). For example, in Normal Speed Mode, this time is 1020LRCK cycles
(1020/fs) at ATT_DATA=255.
(2) The analog output corresponding to the digital input has a group delay, GD.
(3) If the soft mute is cancelled before attenuating to -
∞ after starting the operation, the attenuation is discontinued and
returned to ATT level by the same cycle.
(4) When the input data at each channel is continuously zeros for 8192 LRCK cycles, DZF pin of each channel goes to
“H”. DZF pin immediately goes to “L” if input data are not zero after going DZF “H”.
Figure 5. Soft Mute and Zero Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com