Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC21 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC21
Description  DUAL 4-INPUT POSITIVE-AND GATES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC21 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC21 Datasheet HTML 1Page - Texas Instruments SN54HC21 Datasheet HTML 2Page - Texas Instruments SN54HC21 Datasheet HTML 3Page - Texas Instruments SN54HC21 Datasheet HTML 4Page - Texas Instruments SN54HC21 Datasheet HTML 5Page - Texas Instruments SN54HC21 Datasheet HTML 6Page - Texas Instruments SN54HC21 Datasheet HTML 7Page - Texas Instruments SN54HC21 Datasheet HTML 8Page - Texas Instruments SN54HC21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC21, SN74HC21
DUAL 4INPUT POSITIVEAND GATES
SCLS087E − DECEMBER 1982 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 11 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
SN54HC21 ...J OR W PACKAGE
SN74HC21 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2C
NC
NC
NC
2B
NC
NC
1C
NC
1D
SN54HC21 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
These devices contain two independent 4-input AND gates. They perform the Boolean function
Y
+ A • B • C • Dor
Y
+ A ) B ) C ) D in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC21N
SN74HC21N
Tube of 50
SN74HC21D
SOIC − D
Reel of 2500
SN74HC21DR
HC21
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC21DT
HC21
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC21NSR
HC21
Tube of 90
SN74HC21PW
TSSOP − PW
Reel of 2000
SN74HC21PWR
HC21
TSSOP − PW
Reel of 250
SN74HC21PWT
HC21
CDIP − J
Tube of 25
SNJ54HC21J
SNJ54HC21J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC21W
SNJ54HC21W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC21FK
SNJ54HC21FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC21 TI-SN54HC21 Datasheet
77Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
425Kb / 14P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
609Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI1-SN54HC21 Datasheet
812Kb / 13P
DUAL 4-INPUT POSITIVE-AND GATE
SN54HC21 TI2-SN54HC21 Datasheet
526Kb / 15P
DUAL 4-INPUT POSITIVE-AND GATE
REVISED APRIL 2008
More results

Similar Description - SN54HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
Dual 4-input Positive AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Texas Instruments
SN54HC21 TI-SN54HC21_06 Datasheet
425Kb / 14P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
Dual 4-input Positive AND Gates
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com