Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76-RDS6TP/S Datasheet(PDF) 1 Page - STMicroelectronics

Part # M93C76-RDS6TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-RDS6TP/S Datasheet(HTML) 1 Page - STMicroelectronics

  M93C76-RDS6TP/S Datasheet HTML 1Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 2Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 3Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 4Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 5Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 6Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 7Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 8Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
July 2007
Rev 7
1/38
1
M93C86, M93C76, M93C66
M93C56, M93C46
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide)
MICROWIRE® serial access EEPROM
Features
●
Industry standard MICROWIRE bus
●
Single supply voltage:
–
4.5 V to 5.5 V for M93Cx6
–
2.5 V to 5.5 V for M93Cx6-W
–
1.8 V to 5.5 V for M93Cx6-R
●
Dual organization: by word (x16) or byte (x8)
●
Programming instructions that work on: byte,
word or entire memory
●
Self-timed programming cycle with auto-
erase: 5 ms
●
READY/BUSY signal during programming
●
2 MHz clock rate
●
Sequential read operation
●
Enhanced ESD/latch-up behavior
●
More than 1 million write cycles
●
More than 40 year data retention
●
Packages
–
ECOPACK® (RoHS compliant)
Table 1.
Product list
Reference
Part
number
Reference
Part
number
M93C86
M93C86
M93C56
M93C56
M93C86-W
M93C56-W
M93C86-R
M93C56-R
M93C66
M93C66
M93C46
M93C46
M93C66-W
M93C46-W
M93C66-R
M93C46-R
M93C76
M93C76
M93C76-W
PDIP8 (BN)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MB)
2 x 3 mm (MLP)
www.st.com


Similar Part No. - M93C76-RDS6TP/S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C76-RDW3G STMICROELECTRONICS-M93C76-RDW3G Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
M93C76-RDW3G STMICROELECTRONICS-M93C76-RDW3G Datasheet
331Kb / 37P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
31-Jul-2007
M93C76-RDW3P STMICROELECTRONICS-M93C76-RDW3P Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
M93C76-RDW3P STMICROELECTRONICS-M93C76-RDW3P Datasheet
331Kb / 37P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
31-Jul-2007
M93C76-RDW3TG STMICROELECTRONICS-M93C76-RDW3TG Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
More results

Similar Description - M93C76-RDS6TP/S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_08 Datasheet
331Kb / 37P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
31-Jul-2007
M93C86 STMICROELECTRONICS-M93C86_10 Datasheet
649Kb / 37P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide)
29-Apr-2010
M93C86 STMICROELECTRONICS-M93C86_11 Datasheet
350Kb / 34P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
05-Oct-2011
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
14-Mar-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Apr-2011
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
23-Apr-2013
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com