Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76-RDS6TP/S Datasheet(PDF) 34 Page - STMicroelectronics

Part # M93C76-RDS6TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-RDS6TP/S Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M93C76-RDS6TP/S Datasheet HTML 30Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 31Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 32Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 33Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 34Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 35Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 36Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 37Page - STMicroelectronics M93C76-RDS6TP/S Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Part numbering
M93C86, M93C76, M93C66, M93C56, M93C46
34/38
Table 29.
Available M93C46-x products (package, voltage range, temperature
grade)
Package
M93C46
4.5 V to 5.5 V
M93C46-W
2.5 V to 5.5 V
M93C46-R
1.8 V to 5.5 V
DIP8 (BN)
Range3
Range 6
Range3
-
SO8 (MN)
Range 6
Range3
Range 6
Range3
-
TSSOP (DW)
-
Range 6
Range3
-
Table 30.
Available M93C56-x products (package, voltage range, temperature
grade)
Package
M93C56
4.5 V to 5.5 V
M93C56-W
2.5 V to 5.5 V
M93C56-R
1.8 V to 5.5 V
SO8 (MN)
Range 6
Range3
Range 6
Range3
Range 6
TSSOP (DW)
Range 6
Table 31.
Available M93C66-x products (package, voltage range, temperature
grade)
Package
M93C66
4.5 V to 5.5 V
M93C66-W
2.5 V to 5.5 V
M93C66-R
1.8 V to 5.5 V
SO8 (MN)
Range 6
Range3
Range 6
Range3
TSSOP (DW)
Range 6
Range3
UFDFPN 2 x 3 mm (MB)
Range 6
Table 32.
Available M93C76-x products (package, voltage range, temperature
grade)
Package
M93C76
4.5 V to 5.5 V
M93C76-W
2.5 V to 5.5 V
SO8 (MN)
Range3
Range 6
Range3
TSSOP (DW)
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com