Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM22CWCPSI/1500C Datasheet(PDF) 7 Page - Ashcroft, Inc.

Part # AM22CWCPSI/1500C
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM22CWCPSI/1500C Datasheet(HTML) 7 Page - Ashcroft, Inc.

  AM22CWCPSI/1500C Datasheet HTML 1Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 2Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 3Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 4Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 5Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 6Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 7Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 8Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
Data Sheet
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
Allows ATE-2 to measure temperature with a
thermocouple
Pre-programmed to accept 8 most common
thermocouple types
Displays measurement for Farenheit, Celsius, Kelvin
Rankine and millivolts
Reference junctions: automatic internal or manual
external
PRODUCT SPECIFICATIONS:
AM2-TC1 THERMOCOUPLE TEMPERATURE MODULE
Unit of Measure (selectable):
°C, °F, °K, °R and millivolts
Reference Junction (selectable):
Automatic Mode: The AM2-TC1 module incorporates an internal resistor/
thermistor based reference junction, which may be selected for use in the
temperature readout mode.
Manual Mode:
An external reference junction may be used in place of the internal junction.
External reference junctions may be applied in the temperature or direct
millivolt readout modes.
Resolution Reading in Temperature Units (selectable):
1, .1 or .01 degrees. “Auto” mode selection that allows the ATE-2 to
automatically configure the readout to the highest significant resolution
(resolution closest to the tolerance) for the thermocouple type selected.
Resolution Reading in Millivolts:
.001 millivolts
Thermocouple Connection (to interface module):
Requires a “miniature thermocouple connector” (Omega type SMP),
specifically matched to the thermocouple type to be used. These connectors
may be purchased as an accessory using the specified part numbers (see how
to order thermocouple connector table).
SYSTEM ACCURACY (READING IN TEMPERATURE UNITS):
Includes the base unit and AM2-TC1 interface module. (Does not include
inaccuracy of the thermocouple device. Consult thermocouple manufacturer
or ANSI MC96.1 for thermocouple accuracy specifications. Typical
inaccuracies range from ±1 to ±2.2 °C.)
Conversion Factors to convert °C specifications to other units of measure:
To convert from C to F; F = (1.8 x C) + 32
To convert from C to K: K = C + 273.15
To convert from C to R; R = (1.8 x C) + 427.6
Additional thermocouple information on the following page.
AM2-TC1 Thermocouple Temperature Modules
HOW TO ORDER THERMOCOUPLE CONNECTOR
Part No.
Description
828X161-01
Type J Connector
828X161-02
Type K Connector
828X161-03
Type T Connector
828X161-04
Type E Connector
828X161-05
Type R Connector
828X161-06
Type S Connector
828X161-07
Type B Connector
828X161-08
Type N Connector
Thermocouple probes to be provided by customer
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com