Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM22CWCPSI/1500C Datasheet(PDF) 8 Page - Ashcroft, Inc.

Part # AM22CWCPSI/1500C
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM22CWCPSI/1500C Datasheet(HTML) 8 Page - Ashcroft, Inc.

  AM22CWCPSI/1500C Datasheet HTML 1Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 2Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 3Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 4Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 5Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 6Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 7Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 8Page - Ashcroft, Inc. AM22CWCPSI/1500C Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Thermocouple Type
Measurement Range (°C)
Accuracy @ 25 °C)
(Not Including Internal
Reference Junction)
Accuracy @ 25 °C (Including
Internal Reference Junction
Expressed as ±°C)
Max Additional Error Due
to Ambient Temperature
Deviation from 25 °C
(Expressed as Additional °C
Deviation from 25 °C)
J
-151 to -210
1200 to -150
0.7
0.3
1.1
0.4
0.02
0.01
K
-201 to -240
-101 to -200
-999 to -100
1.5
1.0
0.5
2.2
1.5
0.8
0.05
0.03
0.02
T
-250 to -201
-200 to -101
-100 to 400
1.5
0.8
0.5
2.2
1.2
0.8
0.05
0.03
0.02
E
-250 to -201
-200 to -101
-100 to 400
1.2
0.6
0.3
2.0
1.1
0.6
0.04
0.02
0.01
R & S
-50 to 299
300 to 1768
3.4
1.2
3.6
1.3
0.10
0.04
B
100 to 199
200 to 499
500 to 999
1000 to 1820
14.0
5.0
3.0
1.2
14.0
5.0
3.0
1.2
0.44
0.16
0.08
0.04
N
-250 to -226
-225 to -101
-100 to 1300
4.3
2.1
1.0
5.7
2.8
1.4
0.14
0.07
0.02
AMBIENT TEMPERATURE EFFECT:
To calculate, multiply degrees deviation from 25 °C times the value listed in
the far right column of the listed table. Only applied when using the internal
reference junction, within the ambient window of 0-50 °C.
TO CALCULATE TOTAL SYSTEM/MEASUREMENT ACCURACY:
Accuracy = System Accuracy @ 25 °C + System Ambient Temperature Effect
+ Inaccuracy of Thermocouple Device
SYSTEM ACCURACY (BASED ON DIRECT MILLIVOLT READING FROM
THERMOCOUPLE):
Includes the base unit and AM2-TC1 interface module. (Does not include
inaccuracy due to the thermocouple device. Reference junction not applicable
to direct millivolt readings.)
Input
Range of
Module
Accuracy
@ 25 °C
Max. Additional Error Due to Ambient Temperature
Deviation from 25 °C (Expressed as Additional Millivolt
Error Per Each °C Deviation from 25 °C)
10 to
100 mV
±0.01 to
100 mV
.001
AM2-TC1 Thermocouple Temperature Modules



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com