Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B3F
Description  Mechanical Key Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F Datasheet(HTML) 3 Page - Omron Electronics LLC

  B3F Datasheet HTML 1Page - Omron Electronics LLC B3F Datasheet HTML 2Page - Omron Electronics LLC B3F Datasheet HTML 3Page - Omron Electronics LLC B3F Datasheet HTML 4Page - Omron Electronics LLC B3F Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Engineering Data
Operating Force vs. Stroke (Typical)
B3F-1
jjj, -3jjj
B3F-4
jjj, -5jjj, -9jjj
Forward Current Derating
Curve
Note:
To determine illuminated current of
surface illumination types
(B3F-9
jjj), refer to the above for-
ward current derating curve.
Stroke S (mm)
Stroke S (mm)
Ambient temperature (
°C)
OF: 100 gf
OF: 260 gf
OF: 130 gf
OF: 150 gf
Dimensions
Note:
1. Unless otherwise stated, a tolerance of
± 0.4mm applies to all dimensions
2. No terminal numbers appear on the switches. To orient a switch in the “bottom view” position, turn it so that the terminals are on
the up and down sides and the word OMRON is right-side up.
(Bottom view)
6 x 6 mm Models
Standard, Flat Plunger Type
(without Ground Terminal)
B3F-1000, -1002, -1005,
-1020**, -1022**, -1025**
PCB Mounting
(Top View)
Standard, Flat Plunger Type
(with Ground Terminal, Pitch: 6.5 mm)
B3F-1100, -1102, -1105,
-1120**, -1122**, -1125**
Terminal Arrangement
/Internal Connections
(Top View)
**Height of B3F-1020, -1022, -1025 is 5
±0.2 mm.
**Height of B3F-1120, -1122, -1125 is 5
±0.2 mm.
4.5
±0.2
6
±0.2
4.3
±0.2**
0.3
3.5 dia
0.7
0.7
4.5
±0.2
6
±0.2
1.5
4.3
±0.2**
0.3
3.5 dia
0.7
0.7
4.5
±0.1
6.5
±0.1
Four 1
±0.05 dia
4.5
±0.1
6.5
±0.1
Five
1
±0.05
dia
4.1
±0.1
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
6
±0.2
6.5
±0.5
7.7
±0.5
4
3
21
4
3
21
5
6
±0.2
6.5
±0.5
7.7
±0.5
3.4
3.5
3.4
3.5
Standard, Projected Plunger Type
(without Ground Terminal)
B3F-1050, -1052, -1055
4.5
±0.2
6
±0.2
4.3
±0.2
0.3
7.3
±0.2
3.5 dia
0.7
0.7
j2.4±0.1
4.5
±0.1
6.5
±0.1
Four 1
±0.05 dia
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
4
3
21
6
±0.2
6.5
±0.5
1.8
±0.1
3.4
3.5
7.7
±0.5
Standard, Projected Plunger Type
(with Ground Terminal)
B3F-1150, -1152, -1155
1.5
4.5
±0.2
6
±0.2
4.3
±0.2
7.3
±0.2
j2.4±0.1
0.3
3.5 dia
0.7
0.7
4.5
±0.1
6.5
±0.1
Five
1
±0.0
5 dia
4.1
±0.1
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
6
±0.2
6.5
±0.5
7.7
±0.5
1.8
±0.1
4
3
21
5
3.4
3.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com