Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3F Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # B3F
Description  Mechanical Key Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F Datasheet(HTML) 5 Page - Omron Electronics LLC

  B3F Datasheet HTML 1Page - Omron Electronics LLC B3F Datasheet HTML 2Page - Omron Electronics LLC B3F Datasheet HTML 3Page - Omron Electronics LLC B3F Datasheet HTML 4Page - Omron Electronics LLC B3F Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
12
±0.2
5
±0.2
12
±0.2
4.3
±0.2
3.5
7.3
±0.2
1.8
±0.2
3.5
0.3
12.5
±0.5
13.8
±0.5
7.1 dia
11
9
±0.1
j3.8±0.1
Two 1.8
±0.05 dia
5
±0.1
Four
1.2
±0.0
5
dia
12.5
±0.1
9
±0.1
4
3
21
12
±0.2
5
±0.2
12
±0.2
1.6
j3.8±0.1
4.3
±0.2
3.5
7.3
±0.2
0.9
0.3
12.5
±0.5
13.8
±0.5
7.1 dia
11
9
±0.1
Two 1.8
±0.05 dia
5
±0.1 9±0.1
Five
1.2
±0.0
5
dia
12.5
±0.1
6.9
±0.1
4
3
21
5
Standard, Long Life Expectancy,
High Reliability, Projected Plunger
Type (without Ground Terminal)
B3F-4050, -4055, -5050, -5051
Standard, Long Life Expectancy,
High Reliability, Projected Plunger
Type (with Ground Terminal)
B3F-4150, -4155, -5150, -5151
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
1.8
±0.2
3.5
12
±0.2
15
±0.2
12
±0.2
5
±0.2
7.3
±0.2 6.3
3.5
0.7
0.3
0.5
13.8
±0.5
4.5
4
1
1
9
±0.1
0.25
13.5
±0.5
0.25
Two 1.8
±0.05 dia
5
±0.1
Six 1.2
±0.05 dia
12.5
±0.1
9
±0.1
13.8
±0.1
Surface Illumination Type
B3F-9100, -9200, -9300
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
4
12.5
±0.5
j10
8.4 dia.
7.1 dia.
Precautions
• Do not apply additional force to the plunger once it has stopped
moving.
• Solder at 260°±5°C within five seconds and within two tries.
• Do not wash the switches. The switches may be damaged by
solvents if either wiped off using solvents or immersed in
solvents.
• Do not allow flux or flux foam to penetrate onto the component
side of the PCB.
• Use a single-sided PCB with a thickness of 1.6 mm. The
switches may be damaged due to instability or heat from
soldering if other PCBs (other thickness or through holes) are
used. If it is necessary to use another PCB, test the compatibility
and processing in advance.
• The switches are not sealed and should be protected with a resin
sheet as shown below when used in dust-prone environments.
Resin sheets
Switch
Keytop



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com