Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C23OK203-RARUM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT83C23OK203-RARUM
Description  CardMan짰 Smart@Link
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK203-RARUM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83C23OK203-RARUM Datasheet HTML 1Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 2Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 3Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 4Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 5Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 6Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 7Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 8Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
4307CS–SCR–03/07
Features
• Host Interface
– USB (Compliant with USB 1.1 and 2.0, CCID Supported)
– Transmission Speed: USB: 12 MBit/sec
– Customer Specific USB-descriptors
–Serial
• Smart Card Interface
– Smart Card Interface Compliant with ISO 7816 and EMV 2000
– Support of T=0, T=1, TWI (S=8), 2-wire: SLE 4432/42 (S=10), 3-wire: SLE4418/28
(S=9), others on request
– High Performance Smart Card Interface
– Supports 5V, 3V and 1.8V Smart Cards
– Supply Current 60 mA to Power the Smart Card
– Smart Card Movement Detection with Auto Power-off
– Automatic Detection of Smart Card Type
– Short Circuit and Thermal Protection
– 8-pin Handling (C4/C8 Supported)
• Compliance
– WHQL (Microsoft) Certified
– EMV 2000 (Europay, Mastercard, Visa) Certified
– USB 1.1 and 2.0
– USB CCID
– ISO 7816
– HBCI
• Other Features
– Fast and Easy Certification Process
– Supports LED Status Indicator (Green: ready; Red: busy)
– Secure Pin Entry (SPE)
• PC/SC Driver support
– Windows 98/ME®
– Windows 2000®
– Windows XP®
– Windows CE 3.0®/CE.NET (Depending on Hardware)
– Windows NT® 4.0 (On Request)
–Linux®
–MacOS X®
• Operating Voltage
– 3.0V - 5.5V
• Temperature
–-40°C to +85°C
• Packages
– 32-pin VQFP or 32-pin QFN
CardMan®
Smart@Link
AT83C23OK
Summary
This is a summary Document. A complete document can be
found on the Omnikey Web site.http://omnikey.aaitg.com


Similar Part No. - AT83C23OK203-RARUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C23OK ATMEL-AT83C23OK Datasheet
28Kb / 4P
CardMan Smart@Link
AT83C23OKXXX-RARIM ATMEL-AT83C23OKXXX-RARIM Datasheet
28Kb / 4P
CardMan Smart@Link
AT83C23OKXXX-RATIM ATMEL-AT83C23OKXXX-RATIM Datasheet
28Kb / 4P
CardMan Smart@Link
AT83C23OKXXX-SIRIM ATMEL-AT83C23OKXXX-SIRIM Datasheet
28Kb / 4P
CardMan Smart@Link
AT83C23OKXXX-SISIM ATMEL-AT83C23OKXXX-SISIM Datasheet
28Kb / 4P
CardMan Smart@Link
More results

Similar Description - AT83C23OK203-RARUM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IMSC011 STMICROELECTRONICS-IMSC011 Datasheet
239Kb / 30P
Link adaptor
Jul-1995
logo
COSMO Electronics Corp...
KPLR1320B COSMO-KPLR1320B Datasheet
467Kb / 3P
Photo Link Connector
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
Smart Card
logo
ATMEL Corporation
AT83C23OK ATMEL-AT83C23OK Datasheet
28Kb / 4P
CardMan Smart@Link
logo
Dubilier
DWL DUBILIER-DWL Datasheet
215Kb / 1P
WIRE LINK
logo
Harwin Plc
D3083-46 HARWIN-D3083-46 Datasheet
60Kb / 1P
1mm SHORTING LINK
S1911-46R HARWIN-S1911-46R Datasheet
89Kb / 1P
SMT JUMPER LINK
logo
STMicroelectronics
STSW-LINK007 STMICROELECTRONICS-STSW-LINK007 Datasheet
160Kb / 3P
Firmware upgrade for ST-LINK, ST-LINK/V2 and ST-LINK/V2-1 boards
17-Oct-2016
STEVAL-IOD04KT1 STMICROELECTRONICS-STEVAL-IOD04KT1 Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com