Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet (PDF) - STMicroelectronics

IMSC011 Datasheet PDF - STMicroelectronics
Part # IMSC011
Download  IMSC011 Download
File Size   239.59 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Link adaptor

IMSC011 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMSC011 Datasheet PDF - STMicroelectronics

Part # IMSC011
Download  IMSC011 Click to download

File Size   239.59 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Link adaptor

IMSC011 Datasheet (HTML) - STMicroelectronics


IMSC011 Product details

Introduction
The INMOS communication link is a high speed system interconnect which provides full duplex communication between members of the transputer family, according to the INMOS serial link protocol. The IMS C011, a member of this family, provides for full duplex transputer link communication with standard microprocessor and sub-system architectures, by converting bi-directional serial link data into parallel data streams.

FEATURES
■ Standard INMOS link protocol
■ 10 or 20 Mbits/sec operating speed
■ Communicates with transputers
■ Converts between serial link and parallel bus
■ Converts between serial link and parallel device
■ Two modes of parallel operation:
    Mode 1: Peripheral interface
        Eight bit parallel input interface
        Eight bit parallel output interface
        Full handshake on input and output
    Mode 2: Bus interface
        Tristate bidirectional bus interface
        Memory mapped registers
        Interrupt capability
■ Single +5V  5% power supply
■ TTL and CMOS compatibility
■ 120mW power dissipation
■ 28 pin 0.6” plastic package
■ 28 pin SOJ package
■ 28 pin LCCC package
■ Extended temperature version available

APPLICATIONS
■ Programmable I/O for transputer
■ Connecting microprocessors to transputers
■ High speed links between microprocessors
■ Inter-family microprocessor interfacing
■ Interconnecting different speed links




Similar Part No. - IMSC011

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IMSC5-02-16-02-L SAMTEC-IMSC5-02-16-02-L Datasheet
311Kb / 1P
30 SIGNAL/POWER COMBO CABLE ASSEMBLY/COMPONENTS
More results


Similar Description - IMSC011

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
ADAPTOR
03K107-P00S3 ROSENBERGER-03K107-P00S3 Datasheet
88Kb / 2P
ADAPTOR
03KR107-P0AS3 ROSENBERGER-03KR107-P0AS3 Datasheet
192Kb / 2P
ADAPTOR
05S107-P00S3 ROSENBERGER-05S107-P00S3 Datasheet
85Kb / 2P
ADAPTOR
02KR105-K0AS3 ROSENBERGER-02KR105-K0AS3 Datasheet
53Kb / 2P
ADAPTOR
05K432-K00S3 ROSENBERGER-05K432-K00S3 Datasheet
92Kb / 2P
ADAPTOR
32S156-K00L5 ROSENBERGER-32S156-K00L5 Datasheet
329Kb / 2P
ADAPTOR
59K132-K00L5 ROSENBERGER-59K132-K00L5 Datasheet
39Kb / 2P
ADAPTOR
32K601-K00L5 ROSENBERGER-32K601-K00L5 Datasheet
150Kb / 2P
ADAPTOR
19K101-K00L5-NM ROSENBERGER-19K101-K00L5-NM Datasheet
214Kb / 2P
Adaptor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com