Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 10 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics IMSC011 Datasheet HTML 10Page - STMicroelectronics IMSC011 Datasheet HTML 11Page - STMicroelectronics IMSC011 Datasheet HTML 12Page - STMicroelectronics IMSC011 Datasheet HTML 13Page - STMicroelectronics IMSC011 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
IMS C011
/30
10
Symbol
Parameter
Min
Nom
Max
Units
Notes
TJQr
LinkOut rise time
20
ns
1
TJQf
LinkOut fall time
10
ns
1
TJDr
LinkIn rise time
20
ns
1
TJDf
LinkIn fall time
20
ns
1
TJQJD
Buffered edge delay
0
ns
TJBskew
Variation in TJQJD
20 Mbits/s
3
ns
2
10 Mbits/s
10
ns
2
CLIZ
LinkIn capacitance
@ f=1MHz
7
pF
1
CLL
LinkOut load capacitance
50
pF
RM
Series resistor for 100
W transmission line
56
ohms
Notes
1 Guaranteed, but not tested.
2 This is the variation in the total delay through buffers, transmission lines, differential receivers
etc., caused by such things as short term variation in supply voltages and differences in delays
for rising and falling edges.
Table 4.1
Link
TJQf
90%
10%
TJQr
TJDf
90%
10%
TJDr
LinkOut
LinkIn
Figure 4.2
IMS C011 link timing
1.5 V
Latest TJQJD
LinkOut
LinkIn
1.5 V
TJBskew
Earliest TJQJD
Figure 4.3
IMS C011 buffered link timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com