Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 6 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 2Page - STMicroelectronics IMSC011 Datasheet HTML 3Page - STMicroelectronics IMSC011 Datasheet HTML 4Page - STMicroelectronics IMSC011 Datasheet HTML 5Page - STMicroelectronics IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics IMSC011 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
IMS C011
/30
6
Symbol
Parameter
Min
Nom
Max
Units
Notes
TDCLDCH
ClockIn pulse width low
40
ns
1
TDCHDCL
ClockIn pulse width high
40
ns
1
TDCLDCL
ClockIn period
200
ns
1,2,4
TDCerror
ClockIn timing error
0.5
ns
1,3
TDC1DC2
Difference in ClockIn for 2 linked devices
400
ppm
1,4
TDCr
ClockIn rise time
10
ns
1,5
TDCf
ClockIn fall time
8
ns
1,5
Notes
1 Guaranteed, but not tested.
2 Measured between corresponding points on consecutive falling edges.
3 Variation of individual falling edges from their nominal times.
4 This value allows the use of 200ppm crystal oscillators for two devices connected together by
a link.
5 Clock transitions must be monotonic within the range VIH to VIL (table 7.3).
Table 3.1
Input clock
90%
10%
TDCr
2.0V
0.8V
1.5V
TDCerror
TDCerror
TDCerror
TDCerror
TDCLDCH
TDCHDCL
TDCLDCL
TDCf
90%
10%
Figure 3.2
ClockIn timing
3.4
SeparateIQ
The IMS C011 link adaptor has two different modes of operation. Mode 1 is basically a link to peripheral
adaptor, whilst Mode 2 interfaces between a link and a microprocessor bus system.
Mode 1 can be selected for one of two link speeds by connecting SeparateIQ to VDD (10 Mbits/sec) or
to ClockIn (20 Mbits/sec).
Mode 2 is selected by connecting SeparateIQ to GND; in this mode 10 Mbits/sec or 20 Mbits/sec is se-
lected by LinkSpeed. Link speeds are specified for a ClockIn frequency of 5 MHz.
In order to select the link speed, SeparateIQ may be changed dynamically providing the link is in a quies-
cent state and no input or output is required. Reset must be applied subsequent to the selection to initialise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com