Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 16 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 12Page - STMicroelectronics IMSC011 Datasheet HTML 13Page - STMicroelectronics IMSC011 Datasheet HTML 14Page - STMicroelectronics IMSC011 Datasheet HTML 15Page - STMicroelectronics IMSC011 Datasheet HTML 16Page - STMicroelectronics IMSC011 Datasheet HTML 17Page - STMicroelectronics IMSC011 Datasheet HTML 18Page - STMicroelectronics IMSC011 Datasheet HTML 19Page - STMicroelectronics IMSC011 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
IMS C011
/30
16
Symbol
Parameter
Min
Nom
Max
Units
Notes
TCSHDwV
Data setup
10
ns
TCSHDwX
Data hold
10
ns
TCSLOIL
Chip select to OutputInt low
35
ns
TCSHLdV
Chip select high to start of link data
0.8
2.5
bits
1,2
TLaVOIH
Start of link Ack to OutputInt high
3.3
bits
1,3
TLdVOIH
Start of link data to OutputInt high
13
bits
1,3
Notes
1 Unit of measurement is one link data bit time; at 10 Mbits/s data link speed, one bit time is nomi-
nally 100 ns.
2 Maximum time assumes there is no acknowledge packet already on the link. Maximum time with
acknowledge on the link is extended by 2 bits.
3 Both data transmission and the returned acknowledge must be completed before OutputInt can
go high.
Table 6.4
IMS C011 Mode 2 parallel interface write
Ack
Data
TRSVCSL
TCSLRSX
TCSHDwV
TCSLRWX
LinkOut
OutputInt
RS0–1
RnotW
notCS
D0–7
LinkIn
TCSLOIL
TCSHCSL
TLaVOIH
TLdVOIH
TCSHLdV
TCSHDwX
TCSLCSH
TRWVCSL
Figure 6.2
IMS C011 Mode 2 write parallel data to link adaptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com