Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 9 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 5Page - STMicroelectronics IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics IMSC011 Datasheet HTML 10Page - STMicroelectronics IMSC011 Datasheet HTML 11Page - STMicroelectronics IMSC011 Datasheet HTML 12Page - STMicroelectronics IMSC011 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
4 Links
/30
9
4
Links
INMOS bi-directional serial links provide synchronized communication between transputer products and
with the outside world. Each link comprises an input channel and output channel. A link between two de-
vices is implemented by connecting a link interface on one device to a link interface on the other device.
Every byte of data sent on a link is acknowledged on the input of the same link, thus each signal line carries
both data and control information.
The quiescent state of a link output is low. Each data byte is transmitted as a high start bit followed by a
one bit followed by eight data bits followed by a low stop bit. The least significant bit of data is transmitted
first. After transmitting a data byte the sender waits for the acknowledge, which consists of a high start bit
followed by a zero bit. The acknowledge signifies both that a process was able to receive the acknowl-
edged data byte and that the receiving link is able to receive another byte.
Links are not synchronised with ClockIn and are insensitive to its phase. Thus links from independently
clocked systems may communicate, providing only that the clocks are nominally identical and within speci-
fication.
Links are TTL compatible and intended to be used in electrically quiet environments, between devices on
a single printed circuit board or between two boards via a backplane. Direct connection may be made be-
tween devices separated by a distance of less than 300 millimetres. For longer distances a matched
100 ohm transmission line should be used with series matching resistors RM. When this is done the line
delay should be less than 0.4 bit time to ensure that the reflection returns before the next data bit is sent.
Buffers may be used for very long transmissions. If so, their overall propagation delay should be stable
within the skew tolerance of the link, although the absolute value of the delay is immaterial.
The IMS C011 link supports the standard INMOS communication speed of 10 Mbits/sec. In addition it can
be used at 20 Mbits/sec. Link speed can be selected in one of two ways. In Mode 1 it is altered by Separa-
teIQ (page 6). In Mode 2 it is selected by LinkSpeed; when the LinkSpeed pin is low, the link operates
at the standard 10 Mbits/sec; when high it operates at 20 Mbits/sec.
012
3
4
5
6
7
Data
Ack
HH
L
L
H
Figure 4.1
IMS C011 link data and acknowledge packets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com