Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 13 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 9Page - STMicroelectronics IMSC011 Datasheet HTML 10Page - STMicroelectronics IMSC011 Datasheet HTML 11Page - STMicroelectronics IMSC011 Datasheet HTML 12Page - STMicroelectronics IMSC011 Datasheet HTML 13Page - STMicroelectronics IMSC011 Datasheet HTML 14Page - STMicroelectronics IMSC011 Datasheet HTML 15Page - STMicroelectronics IMSC011 Datasheet HTML 16Page - STMicroelectronics IMSC011 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
5 Mode 1 parallel interface
/30
13
5.2
Output port
The eight bit parallel output port Q0-7 can be controlled by a transputer family device via the serial link.
QValid and QAck provide a simple two-wire handshake for this port.
A data packet received on the input link is presented on Q0-7; the link adaptor then takes QValid high to
initiate the handshake. After reading data from Q0-7, the peripheral device sets QAck high. The IMS C011
will then send an acknowledge packet out of the serial link to indicate a completed transaction and set
QValid low to complete the handshake.
Symbol
Parameter
Min
Nom
Max
Units
Notes
TLdVQvH
Start of link data to QValid
11.5
bits
1
TQdVQvH
Data setup
12
ns
2
TQvHQaH
QAck setup time from QValid high
0
ns
TQaHQvL
QAck high to QValid low
1.8
bits
1
TQaHLaV
QAck high to Ack on link
0.8
2.5
bits
1,3
TQvLQaL
QAck hold after QValid low
0
ns
TQvLQdX
Data hold
11
bits
1,4
Notes
1 Unit of measurement is one link data bit time; at 10 Mbits/s data link speed, one bit time is nomi-
nally 100 ns.
2 Where an existing data output bit is re-written with the same level there will be no glitch in the
output level.
3 Maximum time assumes there is no data packet already on the link. Maximum time with data on
the link is extended by 11 bits.
4 Data output remains valid until overwritten by new data.
Table 5.2
Mode 1 parallel data output
Ack
Data
Data
TLdVQvH
TQvHQaH
LinkIn
QValid
Q0–7
LinkOut
TQdVQvH
TQvLQdX
TQaHQvL
TQvLQaL
QAck
TQaHLaV
Figure 5.2
IMS C011 Mode 1 parallel data output from link adaptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com