Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 14 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 10Page - STMicroelectronics IMSC011 Datasheet HTML 11Page - STMicroelectronics IMSC011 Datasheet HTML 12Page - STMicroelectronics IMSC011 Datasheet HTML 13Page - STMicroelectronics IMSC011 Datasheet HTML 14Page - STMicroelectronics IMSC011 Datasheet HTML 15Page - STMicroelectronics IMSC011 Datasheet HTML 16Page - STMicroelectronics IMSC011 Datasheet HTML 17Page - STMicroelectronics IMSC011 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
IMS C011
/30
14
6
Mode 2 parallel interface
The IMS C011 provides an interface between a link and a microprocessor style bus. Operation of the link
adaptor is controlled through the parallel interface bus lines D0-7 by reading and writing various registers
in the link adaptor. Registers are selected by RS0-1 and RnotW, and the chip enabled with notCS.
For convenience of description, the device connected to the parallel side of the link adaptor is presumed
to be a microprocessor, although this will not always be the case.
6.1
D0–7
Data is communicated between a microprocessor bus and the link adaptor via the bidirectional bus lines
D0-7. The bus is high impedance unless the link adaptor chip is selected and the RnotW line is high. The
bus is used by the microprocessor to access status and data registers.
6.2
notCS
The link adaptor chip is selected when notCS is low. Register selectors RS0-1 and RnotW must be valid
before notCS goes low; D0-7 must also be valid if writing to the chip (RnotW low). Data is read by the link
adaptor on the rising edge of notCS.
6.3
RnotW
RnotW, in conjunction with notCS, selects the link adaptor registers for read or write mode. When RnotW
is high, the contents of an addressed register appear on the data bus D0-7; when RnotW is low the data
on D0-7 is written into the addressed register. The state of RnotW is latched into the link adaptor by notCS
going low; it may be changed before notCS returns high, within the timing restrictions given.
6.4
RS0–1
One of four registers is selected by RS0-1. A register is addressed by setting up RS0-1 and then taking
notCS low; the state of RnotW when notCS goes low determines whether the register will be read or writ-
ten. The state of RS0-1 is latched into the link adaptor by notCS going low; it may be changed before
notCS returns high, within the timing restrictions given. The register set comprises a read-only data input
register, a write-only data output register and a read/write status register for each.
RS1
RS0
RnotW Register
0
0
1
Read data
0
0
0
Invalid
0
1
1
Invalid
0
1
0
Write data
1
0
1
Read input status
1
0
0
Write input status
1
1
1
Read output status
1
1
0
Write output status
Table 6.1
IMS C011 Mode 2 register selection
6.4.1
Input Data Register
This register holds the last data packet received from the serial link. It never contains acknowledge pack-
ets. It contains valid data only whilst the
data present flag is set in the input status register. It cannot be
assumed to contain valid data after it has been read; a double read may or may not return valid data on
the second read. If
data present is valid on a subsequent read it indicates new data is in the buffer. Writing
to this register will have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com