Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 20 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 16Page - STMicroelectronics IMSC011 Datasheet HTML 17Page - STMicroelectronics IMSC011 Datasheet HTML 18Page - STMicroelectronics IMSC011 Datasheet HTML 19Page - STMicroelectronics IMSC011 Datasheet HTML 20Page - STMicroelectronics IMSC011 Datasheet HTML 21Page - STMicroelectronics IMSC011 Datasheet HTML 22Page - STMicroelectronics IMSC011 Datasheet HTML 23Page - STMicroelectronics IMSC011 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
IMS C011
/30
20
SYMBOL
PARAMETER
MIN
MAX
UNITS
NOTES
VIH
High level input voltage
2.0§
VDD+0.5
V
1, 2
VIL
Low level input voltage
–0.5
0.8
V
1, 2
II
Input current
@ GND<VI<VDD
10
mA1, 2, 3
200
mA
1, 2, 4
VOH
Output high voltage
@ IOH=2mA
VDD–1
V
1, 2
VOL
Output low voltage
@ IOL=4mA
0.4
V
1, 2
IOZ
Tristate output current
@ GND<V0<VDD
10
mA
1, 2
PD
Power dissipation
120
mW
2, 5
CIN
Input capacitance
@ f=1MHz
7
pF
6
COZ
Output capacitance
@ f=1MHz
10
pF
6
§For RnotW, RS0-1, SeparateIQ over temperature range –40<TA<25oC (where applicable), substi-
tute 2.2V.
Notes
1 All voltages are with respect to GND.
2 Parameters for IMS C011 measured at 4.75V<VDD<5.25V and 0oC<TA<70oC.
3 For inputs other than those in Note 4.
4 For pins 2, 3, 5, 6, 7, 9, 11, 13, 15, 16, 25.
5 Power dissipation varies with output loading.
6 Guaranteed, but not tested.
Table 7.3
DC characteristics
7.2
Equivalent circuits
GND
D.U.T.
50pF
1.5V
1M
W
IOL
IOH
Note: This circuit represents the device sinking IOL and sourcing IOH with a 50pF capacitive load.
Figure 7.1
Load circuit for AC measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com