Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 1 Page - STMicroelectronics

  IMSC011 Datasheet HTML 1Page - STMicroelectronics IMSC011 Datasheet HTML 2Page - STMicroelectronics IMSC011 Datasheet HTML 3Page - STMicroelectronics IMSC011 Datasheet HTML 4Page - STMicroelectronics IMSC011 Datasheet HTML 5Page - STMicroelectronics IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Link adaptor
IMS C011
)
July 1995
1/30
FEATURES
APPLICATIONS
H Standard INMOS link protocol
H 10 or 20 Mbits/sec operating speed
H Communicates with transputers
H Converts between serial link and parallel bus
H Converts between serial link and parallel device
H Two modes of parallel operation:
Mode 1: Peripheral interface
Eight bit parallel input interface
Eight bit parallel output interface
Full handshake on input and output
Mode 2: Bus interface
Tristate bidirectional bus interface
Memory mapped registers
Interrupt capability
H Single +5V 5% power supply
H TTL and CMOS compatibility
H 120mW power dissipation
H 28 pin 0.6” plastic package
H 28 pin SOJ package
H 28 pin LCCC package
H Extended temperature version available
H Programmable I/O for transputer
H Connecting microprocessors to transputers
H High speed links between microprocessors
H Inter-family microprocessor interfacing
H Interconnecting different speed links
Input
Interface
System
Services
8
Output
Interface
8
Link
Mode 1
8
Mode 2
Interrupt
Control
System
Services
Data and
Status
Registers
Link
Register
Select
42 1412 08


Similar Part No. - IMSC011

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IMSC5-02-16-02-L SAMTEC-IMSC5-02-16-02-L Datasheet
311Kb / 1P
30 SIGNAL/POWER COMBO CABLE ASSEMBLY/COMPONENTS
More results

Similar Description - IMSC011

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
ADAPTOR
03K107-P00S3 ROSENBERGER-03K107-P00S3 Datasheet
88Kb / 2P
ADAPTOR
03KR107-P0AS3 ROSENBERGER-03KR107-P0AS3 Datasheet
192Kb / 2P
ADAPTOR
05S107-P00S3 ROSENBERGER-05S107-P00S3 Datasheet
85Kb / 2P
ADAPTOR
02KR105-K0AS3 ROSENBERGER-02KR105-K0AS3 Datasheet
53Kb / 2P
ADAPTOR
05K432-K00S3 ROSENBERGER-05K432-K00S3 Datasheet
92Kb / 2P
ADAPTOR
32S156-K00L5 ROSENBERGER-32S156-K00L5 Datasheet
329Kb / 2P
ADAPTOR
59K132-K00L5 ROSENBERGER-59K132-K00L5 Datasheet
39Kb / 2P
ADAPTOR
32K601-K00L5 ROSENBERGER-32K601-K00L5 Datasheet
150Kb / 2P
ADAPTOR
19K101-K00L5-NM ROSENBERGER-19K101-K00L5-NM Datasheet
214Kb / 2P
Adaptor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com