Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 29 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 22Page - STMicroelectronics IMSC011 Datasheet HTML 23Page - STMicroelectronics IMSC011 Datasheet HTML 24Page - STMicroelectronics IMSC011 Datasheet HTML 25Page - STMicroelectronics IMSC011 Datasheet HTML 26Page - STMicroelectronics IMSC011 Datasheet HTML 27Page - STMicroelectronics IMSC011 Datasheet HTML 28Page - STMicroelectronics IMSC011 Datasheet HTML 29Page - STMicroelectronics IMSC011 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
9 Ordering
/30
29
9
Ordering
This section indicates the designation of package selections for the IMS C011. Speed of ClockIn is 5 MHz
for all parts.
For availability contact your local SGS–THOMSON sales office or authorized distributor.
SGS–THOMSON designation
Package
IMS C011-P20S
28 pin plastic dual-in-line
IMS C011-E20S
28 pin SOJ
IMS C011-W20S
28 pin LCCC non-solder dip
Table 9.1
IMS C011 ordering details
An extended temperature version is available, see the
IMS C011E Datasheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com