Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 5 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 5 Page - STMicroelectronics

  IMSC011 Datasheet HTML 1Page - STMicroelectronics IMSC011 Datasheet HTML 2Page - STMicroelectronics IMSC011 Datasheet HTML 3Page - STMicroelectronics IMSC011 Datasheet HTML 4Page - STMicroelectronics IMSC011 Datasheet HTML 5Page - STMicroelectronics IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
3 System services
/30
5
3
System services
System services include all the necessary logic to start up and maintain the IMS C011.
3.1
Power
Power is supplied to the device via the VDD and GND pins. The supply must be decoupled close to the
chip by at least one 100 nF low inductance (e.g. ceramic) capacitor between VDD and GND. Four layer
boards are recommended; if two layer boards are used, extra care should be taken in decoupling.
AC noise between VDD and GND must be kept below 200 mV peak to peak at all frequencies above
100 KHz. AC noise between VDD and the ground reference of load capacitances must be kept below
200 mV peak to peak at all frequencies above 30 MHz. Input voltages must not exceed specification with
respect to VDD and GND, even during power-up and power-down ramping, otherwise
latchup can occur.
CMOS devices can be permanently damaged by excessive periods of latchup.
3.2
CapMinus
The internally derived power supply for internal clocks requires an external low leakage, low inductance
1
mF capacitor to be connected between VDD and CapMinus. A ceramic capacitor is preferred, with an
impedance less than 3 Ohms between 100 KHz and 10 MHz. If a polarised capacitor is used the negative
terminal should be connected to CapMinus. Total PCB track length should be less than 50 mm. The posi-
tive connection of the capacitor must be connected directly to VDD. Connections must not otherwise touch
power supplies or other noise sources.
Phase–locked
loops
VDD
GND
CapMinus
P.C.B track
P.C.B track
Decoupling
capacitor 1
mF
pin
VDD
Figure 3.1
Recommended PLL decoupling
3.3
ClockIn
Transputer family components use a standard clock frequency, supplied by the user on the ClockIn input.
The nominal frequency of this clock for all transputer family components is 5 MHz, regardless of device
type, transputer word length or processor cycle time. High frequency internal clocks are derived from
ClockIn, simplifying system design and avoiding problems of distributing high speed clocks externally.
A number of transputer family devices may be connected to a common clock, or may have individual clocks
providing each one meets the specified stability criteria. In a multi-clock system the relative phasing of
ClockIn clocks is not important, due to the asynchronous nature of the links. Mark/space ratio is unimpor-
tant provided the specified limits of ClockIn pulse widths are met.
Oscillator stability is important. ClockIn must be derived from a crystal oscillator; RC oscillators are not
sufficiently stable. ClockIn must not be distributed through a long chain of buffers. Clock edges must be
monotonic and remain within the specified voltage and time limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com