Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 7 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 3Page - STMicroelectronics IMSC011 Datasheet HTML 4Page - STMicroelectronics IMSC011 Datasheet HTML 5Page - STMicroelectronics IMSC011 Datasheet HTML 6Page - STMicroelectronics IMSC011 Datasheet HTML 7Page - STMicroelectronics IMSC011 Datasheet HTML 8Page - STMicroelectronics IMSC011 Datasheet HTML 9Page - STMicroelectronics IMSC011 Datasheet HTML 10Page - STMicroelectronics IMSC011 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
3 System services
/30
7
the device. If ClockIn is gated to achieve this, its skew must be limited to the value TDCHSIQH shown
in table 3.3. The mode of operation (Mode 1, Mode 2) must not be changed dynamically.
SeparateIQ
Mode
Link Speed Mbits/sec
VDD
110
ClockIn
120
GND
210 or 20
Table 3.2
SeparateIQ mode selection
Symbol
Parameter
Min
Nom
Max
Units
Notes
TDCHSIQH
Skew from ClockIn to ClockIn
20
ns
1
Notes
1 Skew between ClockIn arriving on the ClockIn pin and on the SeparateIQ pin.
Table 3.3
SeparateIQ
3.5
Reset
The Reset pin can go high with VDD, but must at no time exceed the maximum specified voltage for VIH.
After VDD is valid ClockIn should be running for a minimum period TDCVRL before the end of Reset. All
inputs, with the exception of ClockIn and SeparateIQ (plus LinkSpeed in mode 2), must be held in their
inactive state during reset.
Reset initialises the IMS C011 to the following state: LinkOut is held low; the control outputs (IAck and
QValid in Mode 1, InputInt and OutputInt in Mode 2) are held low; interrupts (Mode 2) are disabled; the
states of Q0-7 in Mode 1 are unspecified; D0-7 in Mode 2 are high impedance.
Symbol
Parameter
Min
Nom
Max
Units
Notes
TPVRH
Power valid before Reset
10
ms
TRHRL
Reset pulse width high
8
ClockIn
1
TDCVRL
ClockIn running before Reset end
10
ms
2
TRLIvH
Reset low before IValid high (mode 1)
0
ns
TRLCSL
Reset low before chip select low (mode 2)
0
ns
Notes
1 Full periods of ClockIn TDCLDCL required.
2 At power-on reset.
Table 3.4
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com