Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 15 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 11Page - STMicroelectronics IMSC011 Datasheet HTML 12Page - STMicroelectronics IMSC011 Datasheet HTML 13Page - STMicroelectronics IMSC011 Datasheet HTML 14Page - STMicroelectronics IMSC011 Datasheet HTML 15Page - STMicroelectronics IMSC011 Datasheet HTML 16Page - STMicroelectronics IMSC011 Datasheet HTML 17Page - STMicroelectronics IMSC011 Datasheet HTML 18Page - STMicroelectronics IMSC011 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
6 Mode 2 parallel interface
/30
15
Symbol
Parameter
Min
Nom
Max
Units
Notes
TRSVCSL
Register select setup
5
ns
TCSLRSX
Register select hold
8
ns
TRWVCSL
Read/write strobe setup
5
ns
TCSLRWX
Read/write strobe hold
8
ns
TCSLCSH
Chip select active
60
ns
TCSHCSL
Delay before re-assertion of chip select
50
ns
Table 6.2
IMS C011 Mode 2 parallel interface control
Symbol
Parameter
Min
Nom
Max
Units
Notes
TLdVIIH
Start of link data to InputInt high
14
bits
1
TCSLIIL
Chip select to InputInt low
35
ns
TCSLDrX
Chip select to bus active
5
ns
TCSLDrV
Chip select to data valid
50
ns
TCSHDrZ
Chip select high to bus tristate
38
ns
TCSHDrX
Data hold after chip select high
5
ns
TCSHLaV
Chip de-select to start of Ack
0.8
2.5
bits
1,2
Notes
1 Unit of measurement is one link data bit time; at 10 Mbits/s data link speed, one bit time is nomi-
nally 100 ns.
2 Maximum time assumes there is no data packet already on the link. Maximum time with data on
the link is extended by 11 bits.
Table 6.3
IMS C011 Mode 2 parallel interface read
Ack
Data
Data
TLdVIIH
TCSLIIL
TRSVCSL
TCSLRSX
TRWVCSL
TCSLRSX
TCSHDrZ
TCSHDrX
TCSLDrX
TCSLDrV
TCSHLaV
LinkIn
InputInt
RS0–1
RnotW
notCS
D0–7
LinkOut
TCSLCSH
TCSHCSL
Figure 6.1
IMS C011 Mode 2 read parallel data from link adaptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com