Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSC011 Datasheet(PDF) 21 Page - STMicroelectronics

Part # IMSC011
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button IMSC011 Datasheet HTML 17Page - STMicroelectronics IMSC011 Datasheet HTML 18Page - STMicroelectronics IMSC011 Datasheet HTML 19Page - STMicroelectronics IMSC011 Datasheet HTML 20Page - STMicroelectronics IMSC011 Datasheet HTML 21Page - STMicroelectronics IMSC011 Datasheet HTML 22Page - STMicroelectronics IMSC011 Datasheet HTML 23Page - STMicroelectronics IMSC011 Datasheet HTML 24Page - STMicroelectronics IMSC011 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
7 Electrical specifications
/30
21
VIH
VIL
1.5V
1.5V
tpHL
tpLH
VDD–1
0V
VDD–1
0V
VDD
0V
VDD
0V
Inputs
Inputs
Outputs
Outputs
Figure 7.2
AC measurements timing waveforms
7.3
AC timing characteristics
SYMBOL
PARAMETER
MIN
MAX
UNITS
NOTES
TDr
Input rising edges
2
20
ns
1, 2, 3
TDf
Input falling edges
2
20
ns
1, 2, 3
TQr
Output rising edges
25
ns
1, 3
TQf
Output falling edges
15
ns
1, 3
Notes
1 Non-link pins; see section on links.
2 All inputs except ClockIn; see section on ClockIn.
3 Guaranteed, but not tested.
Table 7.4
Input and output edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com