Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4810 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 4810
Description  STANDARD SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

4810 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  4810 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
STANDARD SERIES
Download datasheet: https://assunmotor.com/documents-download
AM-BL45100AN Series
Nominal voltage
No load speed
±12%
No load current Max 150%
Recommend
limit for
continuous
operating
Max cont. torque
Rated Speed
Rated Current
Rated Power
Starting current
Maximum power output
Maximum Efficiency
Terminal resistance ±12%
Z
Mechanical time constant
Moment of inertia
Torque constant
Speed constant
Speed/torque gradient
V
rpm
mA
mN.m
rpm
mA
W
mA
mN.m
W
%
Ω
mH
ms
gcm2
mN.m/A
rpm/V
rpm/mN.m
g
24
2406
320
161.5
5466
4500
92.4
57143
2195
339.0
86
0.42
0.14
3.1
109.8
38.6
247
2.7
850.2
24
2411
11240
600
69.0
10984
4000
79.4
150000
3034
892.8
88
0.16
0.035
4.3
109.8
20.3
470
3.7
846.5
36
3610
10340
390
69.9
10127
2500
74.1
102857
3394
918.7
88
0.35
3.5
109.8
33.1
288
3.0
852.5
0.11
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:45GP
Cable 2: Red
Winding B
Cable 3: Blue
Winding C
L1:52GP
L2:BL45
100.0
L3:EN22S
10.7
L3:EN36T
12.0
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 18#)
Stall torque
Inductance
(1KH )
3.6 K/W
8.0 N
170 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1286 S
180.0 N
4.5 mm
0 (
<8.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-45GP
AM-52GP
Recommended Encoder:
Encoder S:
AM-EN2211S***
2~3 Channels
Encoder T:
AM-EN3612T***
2~3 Channels
AM-BL45100AN Combiniation Scheme
For more combination specs, visit Assun Motor website.
36
3606
6380
200
123.4
2500
77.9
42353
2261
377.6
87
0.85
3.2
109.8
53.6
178
2.8
841.5
0.31
6032
48
4810
10360
370
49.8
81356
3567
967.4
87
0.59
3.3
109.8
44.0
217
2.9
847.5
0.21
10215
1500
53.2
48
4806
6450
190
120.8
1900
32432
2278
384.6
85
1.48
0.55
3.3
109.8
70.6
135
2.8
840.3
77.3
6108
5900
Standard rear shaft diameter:
8 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
60.1
79.3
72.1
95.8
48.1
62.8
36.1
46.3
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 4810

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
4810 AEROFLEX-4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
logo
Schurter Inc.
4810 SCHURTER-4810 Datasheet
353Kb / 2P
Power Cord with IEC Connector C7, Straight 70째C
logo
Heyco.
4810 HEYCO-4810 Datasheet
299Kb / 1P
Quick Connect Terminals
logo
ASSUN MOTOR Pte Ltd.
4810 ASSUN-4810 Datasheet
311Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
4810 ASSUN-4810 Datasheet
2Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results

Similar Description - 4810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0110K072 EPCOS-B72650M0110K072 Datasheet
96Kb / 7P
Monolithic; Standard Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
TAJ Series Standard Tantalum
logo
EPCOS
B72210S271K101 EPCOS-B72210S271K101 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
Leaded varistors, StandarD series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com