Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4810 Datasheet (PDF) - Aeroflex Circuit Technology

4810 Datasheet PDF - Aeroflex Circuit Technology
Part # 4810
Download  4810 Download
File Size   91.67 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905

4810 Datasheet (PDF)

Go To PDF Page Download Datasheet
4810 Datasheet PDF - Aeroflex Circuit Technology

Part # 4810
Download  4810 Click to download

File Size   91.67 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905

4810 Datasheet (HTML) - Aeroflex Circuit Technology


4810 Product details

General Description

The Aeroflex Circuit Technology Models ARX4810 and ARX4810FP are new generation monolithic transceivers which provide full compliance with MIL-STD-1553 and Macair data bus requirements in the smallest packages with low power consumption and two power supply operation.



Features

• World’s smallest dual "Universal Transceiver" 0.3" X 1.2" Package

• Dual transceiver meets military data bus requirements, MIL-STD-1553 and Macair specs

• Low power dissipation at full output power

• +5 / -15 Volt Power Supply Operation

• Voltage source output for higher bus drive power

• Monolithic construction using linear ASICs

• Processed and screened to MIL-STD-883 specs

• MIL-PRF-38534 Compliant Devices Available

• DESC SMD (Standard Military Drawing)



 




Similar Part No. - 4810

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4810 SCHURTER-4810 Datasheet
353Kb / 2P
Power Cord with IEC Connector C7, Straight 70째C
logo
Heyco.
4810 HEYCO-4810 Datasheet
299Kb / 1P
Quick Connect Terminals
logo
ASSUN MOTOR Pte Ltd.
4810 ASSUN-4810 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
4810 ASSUN-4810 Datasheet
311Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
4810 ASSUN-4810 Datasheet
2Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results


Similar Description - 4810

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
ACT4468D Dual Transceivers for MIL-STD-1553
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com