Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4810 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # 4810
Description  ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4810 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  4810 Datasheet HTML 1Page - Aeroflex Circuit Technology 4810 Datasheet HTML 2Page - Aeroflex Circuit Technology 4810 Datasheet HTML 3Page - Aeroflex Circuit Technology 4810 Datasheet HTML 4Page - Aeroflex Circuit Technology 4810 Datasheet HTML 5Page - Aeroflex Circuit Technology 4810 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Aeroflex Circuit Technology
SCD4810 REV B 8/12/98
Plainview NY (516) 694-6700
3
Note 1. Characteristics guaranteed by design, not production tested .
Note 2. Measured at 1MHz from bus side of transformer after contribution from transformer is accounted for.
Absolute Maximum Ratings
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +150 °C
Negative Power supply Voltage
-15 V P.S. to -18V MAX
Positive Power Supply Voltage
-0.3 V to +5.5 V
Receiver differential input
±10 V
Receiver input voltage (common mode)
±5 V
Driver peak output current
300 mA
Total package power dissipation over the full operating case
temperature rise
4 Watts
(Note. Normal operation conditions require one transmitter on and the
other off at any given time, with a maximum dissipation of 3.2 watts.
)
Maximum junction to case temperature rise for the hottest
device
6° C
Thermal resistance for the hottest device, junction to bottom of
case
3° C/W
Electrical Characteristics, Driver Section
Input Characteristics, TX DATA in or TX DATA in
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4 V
IILD
-0.25
-0.4
mA
"1" Input Current
VIN = 2.7 V
IIHD
140
µA
"0" Input Voltage
VIHD
0.7
V
"1" Input Voltage
VIHD
2.0
V
Inhibit Characteristics
"0" Input Current
VIN = 0.4V
IILI
-0.25
-0.4
mA
"1" Input Current
VIN = 2.7V
IIHI
1.0
40
µA
"0" Input Voltage
VILI
0.7
V
"1" Input Voltage
VIHI
2V
Delay from TX inhibit,(0
¡1) to inhibited output
Note 1
tDXOFF
240
350
nS
Delay from TX inhibit, (1
¡0) to active output
Note 1
tDXON
210
350
nS
Differential output noise, inhibit mode
VNOI
210
mV p-p
Differential output impedance (inhibited)
Note 2
ZOI
7K
Ω
Output Characteristics
Differential output level
RL = 35
Ω
VO
6
6.8
7.7
V p-p
Rise and fall times
(10% to 90% of p-p output)
tR
200
240
300
nS
Output offset at point A-A’ on Fig 5., 2.5 µS after
midpoint crossing of the parity bit of the last word
of a 660µS message
RL = 35
Ω
VOS
±90
mV peak
Delay from 50% point of TX DATA or TX DATA
input to zero crossing of differential signal
Note 1
tDTX
260
350
nS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com