Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4810 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # 4810
Description  ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4810 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  4810 Datasheet HTML 1Page - Aeroflex Circuit Technology 4810 Datasheet HTML 2Page - Aeroflex Circuit Technology 4810 Datasheet HTML 3Page - Aeroflex Circuit Technology 4810 Datasheet HTML 4Page - Aeroflex Circuit Technology 4810 Datasheet HTML 5Page - Aeroflex Circuit Technology 4810 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aeroflex Circuit Technology
SCD4810 REV B 8/12/98
Plainview NY (516) 694-6700
2
70 Ohm terminations plus additional
receivers,
the
data
bus
signal
produced is 7.5 volts nominal P-P at
A-A’. (See Figure 5) When both
DATA and DATA inputs are held low
or
high,
the
transmitter
output
becomes a high impedance and is
“removed” from the line. In addition,
an
overriding
“INHIBIT
input
provides for the removal of the
transmitter output from the line. A
logic “1” applied to the “INHIBIT”
takes priority over the condition of
the data inputs and disables the
transmitter. (See Transmitter Logic
Waveform, Figure 1.)
The transceiver utilizes an active
filter to suppress harmonics above
1 MHz to meet Macair specifications
A-3818,
A-4905,
A-5232
and
A-5690.
The Transmitter may be
safely
operated
at
100%
duty
cyclefor an indefinite period into a
short circuited, the 1553 or Macair
bus.
Receiver
The
Receiver
section
accepts
bi-phase differential data at the input
and produces two TTL signals at the
output. The outputs are DATA
and
DATA, and represent positive and
negative excursions of the input
beyond
a
pre-determined
threshold.(See
Receiver
Logic
Waveform Figure 2).
The pre-set internal thresholds will
detect data bus signals exceeding
1.150 Volts P-P and reject signals
less than 0.6 volts P-P when used
with a 1:1 turns ratio transformer.
(See Figure 5 for transformer data
and typical connection.)
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
NOTES:
1. DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them.
2. DATA and DATA must be in the same state during off time (both high or low).
Figure 1 – Transmitter Logic Waveforms
Figure 2 – Receiver Logic Waveforms
Note overlap
NOTE: Waveforms shown are for normally low devices. For normally high receiver output
the receiver outputs are swapped as shown by the dashed lines.
,
level devices,
LINE TO LINE
INPUT
DATA OUT
DATA OUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com