Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHX Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7263BHX Datasheet HTML 9Page - STMicroelectronics ST7263BHX Datasheet HTML 10Page - STMicroelectronics ST7263BHX Datasheet HTML 11Page - STMicroelectronics ST7263BHX Datasheet HTML 12Page - STMicroelectronics ST7263BHX Datasheet HTML 13Page - STMicroelectronics ST7263BHX Datasheet HTML 14Page - STMicroelectronics ST7263BHX Datasheet HTML 15Page - STMicroelectronics ST7263BHX Datasheet HTML 16Page - STMicroelectronics ST7263BHX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
13/145
8
PB6/IT7
I/O
CT 10mA X
XX
X
Port B6
9VPP/TEST
S
Programming supply
10
PB3
I/O
CT 10mA X
XX
Port B3
11
PB2
I/O
CT 10mA X
XX
Port B2
12
PB1/USBOE
I/O
CT 10mA X
XX
Port B1
USB Output Enable
13
PB0
I/O
CT 10mA X
XX
Port B0
14
PA7/OCMP2/IT4
I/O
CT
X
XX
Port A7
Timer Output Compare 2
15
PA5/ICAP2/IT2
I/O
CT
X
XX
Port A5
Timer Input Capture 2
16
PA4/ICAP1/IT1
I/O
CT
X
XX
Port A4
Timer Input Capture 1
17
PA3/EXTCLK
I/O
CT
X
X
Port A3
Timer External Clock
18
PA2/SCL/
ICCCLK
I/O
CT 25mA X
T
Port A2
I²C serial clock,
ICC Clock
19
PA1/SDA/ICCDATA
I/O
CT 25mA X
T
Port A1
I²C serial data, ICC Data
20
PA0/MCO
I/O
CT
XX
Port A0
Main Clock Output
21
VSSA
S
Analog ground
22
USBDP
I/O
USB bidirectional data (data +)
23
USBDM
I/O
USB bidirectional data (data -)
24
USBVCC
O
USB power supply
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com