Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHX Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7263BHX Datasheet HTML 22Page - STMicroelectronics ST7263BHX Datasheet HTML 23Page - STMicroelectronics ST7263BHX Datasheet HTML 24Page - STMicroelectronics ST7263BHX Datasheet HTML 25Page - STMicroelectronics ST7263BHX Datasheet HTML 26Page - STMicroelectronics ST7263BHX Datasheet HTML 27Page - STMicroelectronics ST7263BHX Datasheet HTML 28Page - STMicroelectronics ST7263BHX Datasheet HTML 29Page - STMicroelectronics ST7263BHX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
26/145
7.2 Clock system
7.2.1 General description
The MCU accepts either a crystal or ceramic reso-
nator, or an external clock signal to drive the inter-
nal oscillator. The internal clock (fCPU) is derived
from the external oscillator frequency (fOSC),
which is divided by 3 (and by 2 or 4 for USB, de-
pending on the external clock used). The internal
clock is further divided by 2 by setting the SMS bit
in the Miscellaneous Register.
Using the OSC24/12 bit in the option byte, a 12
MHz or a 24 MHz external clock can be used to
provide an internal frequency of either 2, 4 or 8
MHz while maintaining a 6 MHz for the USB (refer
to Figure 18).
The internal clock signal (fCPU) is also routed to
the on-chip peripherals. The CPU clock signal
consists of a square wave with a duty cycle of
50%.
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz or ceramic res-
onator in the frequency range specified for fosc.
The circuit shown in Figure 17 is recommended
when using a crystal, and Table 7, "Recommend-
ed values for 24 MHz crystal resonator" lists the
recommended capacitance. The crystal and asso-
ciated components should be mounted as close as
possible to the input pins in order to minimize out-
put distortion and start-up stabilisation time.
Table 7. Recommended values for 24 MHz
crystal resonator
Note: RSMAX is the equivalent serial resistor of the
crystal (see crystal specification).
7.2.2 External clock
An external clock may be applied to the OSCIN in-
put with the OSCOUT pin not connected, as
shown on Figure 16. The tOXOV specifications do
not apply when using an external clock input. The
equivalent specification of the external clock
source should be used instead of tOXOV (see Sec-
tion 6.5 CONTROL TIMING).
Figure 16. External clock source connections
Figure 17. Crystal/ceramic resonator
Figure 18. Clock block diagram
RSMAX
20
Ω
25
Ω
70
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
RP
1-10 M
Ω
1-10 M
Ω
1-10 M
Ω
OSCIN
OSCOUT
EXTERNAL
CLOCK
NC
OSCIN
OSCOUT
COSCIN
COSCOUT
RP
%3
CPU and
8, 4 or 2 MHz
6 MHz (USB)
24 or
peripherals)
%2
1
0
%2
12 MHz
Crystal
%2
0
1
OSC24/12
SMS
%2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com