Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53ESP-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER53ESP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESP-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER53ESP-E Datasheet HTML 13Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 14Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 15Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 16Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 17Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 18Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 19Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 20Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
VIPer53EDIP - E / VIPer53ESP - E
Regulation Loop Stability
DocRev1
17/31
The lowest load gives another condition for stability: The frequency FBW1 must not
encounter the third order slope generated by the load pole, the R1-C1 network on the
COMP pin and the R2-C2 network at the level of the TL431 on secondary side. This
condition can be met by adjusting both C1 and C2 values:
The above formula gives a minimum value for C1. It can be then increased to provide a
natural soft start function as this capacitor is charged by the current ICOMP at start-up.
C
1
R
L1
C
OUT
⋅
6.3
G
O
R
4
--------- R1
2
⋅⋅
-----------------------------------
P
OU T1
P
MAX
---------------------
⋅
>
C
2
R
L1
C
OUT
⋅
6.3
G
O
R
4
--------- R
1
R
2
⋅⋅
⋅
-----------------------------------------------
P
OU T1
P
MAX
---------------------
⋅
>
P
OUT1
V
OUT
2
R
L1
-------------------
=
with:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com