Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53ESP-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER53ESP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESP-E Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER53ESP-E Datasheet HTML 1Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 2Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 3Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 4Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 5Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 6Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 7Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 8Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
VIPer53EDIP - E / VIPer53ESP - E
Electrical characteristics
DocRev1
5/31
Table 5.
Supply Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDSstart
Drain Voltage Starting
Threshold
VDD = 5V; IDD = 0mA
34
50
V
IDDch1
Startup Charging Current
VDD = 0 ... 5V; VDS = 100V
Figure 9 on page 22
-12
mA
IDDch2
Startup Charging Current
VDD = 10V; VDS = 100VFigure 9.
-2
mA
IDDchoff
Startup Charging Current
in Thermal Shutdown
VDD = 5V; VDS = 100VFigure 11.
TJ > TSD - THYST
0mA
IDD0
Operating Supply Current
Not Switching
Fsw = 0kHz; VCOMP = 0V
811
mA
IDD1
Operating Supply Current
Switching
Fsw=100kHz
9mA
VDDoff
VDD Undervoltage
Shutdown Threshold
Figure 9 on page 22
7.5
8.4
9.3
V
VDDon
VDD Startup Threshold
Figure 9.
10.2
11.5
12.8
V
VDDhyst
VDD Threshold
Hysteresis
Figure 9.
2.6
3.1
V
VDDovp
VDD Overvoltage
Shutdown Threshold
Figure 9.
17
18
19
V
Table 6.
Pwm Comparator Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
HCOMP
∆VCOMP / ∆IDPEAK
VCOMP = 1 ... 4 V Figure 14.
dID/dt = 0
1.7
2
2.3
V/A
VCOMPos VCOMP Offset
dID/dt = 0 Figure 14.
0.5
V
IDlim
Peak Drain Current
Limitation
ICOMP = 0mA; VTOVL = 0V
Figure 14.
dID/dt = 0
1.7
2
2.3
A
IDmax
Drain Current
Capability
VCOMP = VCOMPovl; VTOVL = 0V
dID/dt = 0
1.6
1.9
2.3
A
td
Current Sense Delay
to Turn-Off
ID = 1A
250
ns
VCOMPbl
VCOMP Blanking Time
Change Threshold
Figure 10 on page 22
1V
tb1
Blanking Time
VCOMP < VCOMPBLFigure 10.
300
400
500
ns
tb2
Blanking Time
VCOMP > VCOMPBLFigure 10.
100
150
200
ns
tONmin1
Minimum On Time
VCOMP < VCOMPBL
450
600
750
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com