Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35AV-10PC1F Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T35AV-10PC1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC1F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T35AV-10PC1F Datasheet HTML 8Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 9Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 10Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 11Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 12Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 13Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 14Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 15Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
M48T35AY, M48T35AV
12/25
Calibrating the Clock
The M48T35AY/V is driven by a quartz-controlled
oscillator with a nominal frequency of 32,768 Hz.
The devices are tested not to exceed 35 ppm
(parts per million) oscillator frequency error at
25°C, which equates to about ±1.53 minutes per
month. With the calibration bits properly set, the
accuracy of each M48T35AY/V improves to better
than +1/–2 ppm at 25°C.
The oscillation rate of any crystal changes with
temperature (see Figure 11., page 13). Most clock
chips compensate for crystal frequency and tem-
perature shift error with cumbersome “trim” capac-
itors. The M48T35AY/V design, however, employs
periodic counter correction. The calibration circuit
adds or subtracts counts from the oscillator divider
circuit at the divide by 256 stage, as shown in Fig-
ure 12., page 13. The number of times pulses are
blanked (subtracted, negative calibration) or split
(added, positive calibration) depends upon the
value loaded into the five calibration bits found in
the Control Register. Adding counts speeds the
clock up, subtracting counts slows the clock down.
The Calibration Byte occupies the five lower order
bits (D4-D0) in the Control Register 7FF8h. These
bits can be set to represent any value between 0
and 31 in binary form. Bit D5 is the Sign Bit; '1' in-
dicates positive calibration, '0' indicates negative
calibration. Calibration occurs within a 64 minute
cycle. The first 62 minutes in the cycle may, once
per minute, have one second either shortened by
128 or lengthened by 256 oscillator cycles. If a bi-
nary '1' is loaded into the register, only the first 2
minutes in the 64 minute cycle will be modified; if
a binary 6 is loaded, the first 12 will be affected,
and so on.
Therefore, each calibration step has the effect of
adding 512 or subtracting 256 oscillator cycles for
every 125,829,120 actual oscillator cycles, that is
+4.068 or –2.034 ppm of adjustment per calibra-
tion step in the calibration register. Assuming that
the oscillator is in fact running at exactly 32,768
Hz, each of the 31 increments in the Calibration
Byte would represent +10.7 or –5.35 seconds per
month which corresponds to a total range of +5.5
or –2.75 minutes per month.
Two methods are available for ascertaining how
much calibration a given M48T35AY/V may re-
quire. The first involves simply setting the clock,
letting it run for a month and comparing it to a
known accurate reference (like WWV broadcasts).
While that may seem crude, it allows the designer
to give the end user the ability to calibrate his clock
as his environment may require, even after the fi-
nal product is packaged in a non-user serviceable
enclosure.
The second approach is better suited to a manu-
facturing environment, and involves the use of
some test equipment. When the Frequency Test
(FT) Bit, the seventh-most significant bit in the Day
Register is set to a '1,' and D7 of the Seconds Reg-
ister is a '0' (Oscillator Running), DQ0 will toggle at
512 Hz during a READ of the Seconds Register.
Any deviation from 512 Hz indicates the degree
and direction of oscillator frequency shift at the test
temperature. For example, a reading of 512.01024
Hz would indicate a +20 ppm oscillator frequency
error, requiring a –10 (WR001010) to be loaded
into the Calibration Byte for correction.
Note: Setting or changing the Calibration Byte
does not affect the Frequency Test output fre-
quency.
The FT Bit MUST be reset to '0' for normal clock
operations to resume. The FT Bit is automatically
Reset on power-down.
For more information on calibration, see Applica-
tion Note AN934, “TIMEKEEPER® Calibration.”
Century Bit
Bit D5 and D4 of Clock Register 7FFCh contain
the CENTURY ENABLE Bit (CEB) and the CEN-
TURY Bit (CB). Setting CEB to a '1' will cause CB
to toggle, either from a '0' to '1' or from '1' to '0' at
the turn of the century (depending upon its initial
state). If CEB is set to a '0,' CB will not toggle.
Note: The WRITE Bit must be set in order to write
to the CENTURY Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com