Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35AV-10PC1F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T35AV-10PC1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC1F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T35AV-10PC1F Datasheet HTML 13Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 14Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 15Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 16Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 17Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 18Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 19Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 20Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17/25
M48T35AY, M48T35AV
Table 9. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. Outputs deselected.
3. Negative spikes of –1V allowed for up to 10ns once per Cycle.
Symbol
Parameter
Test Condition(1)
M48T35AY
M48T35AV
Unit
–70
–100
Min
Max
Min
Max
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
±1
µA
ICC
Supply Current
Outputs open
50
30
mA
ICC1
Supply Current (Standby)
TTL
E = VIH
32
mA
ICC2
Supply Current (Standby)
CMOS
E = VCC – 0.2V
32
mA
VIL
(3)
Input Low Voltage
–0.3
0.8
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com