Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2302ASAL Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2302ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2302ASAL Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2302ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD2302A/ALD2302
Advanced Linear Devices
4
TYPICAL PERFORMANCE CHARACTERISTICS
400
300
200
100
500
6.0
8.0
10.0
12.0
4.0
2.0
SUPPLY VOLTAGE (V)
V+
TA = 25°C
RL =
∞
-
+
TOTAL SUPPLY CURRENT vs.
TOTAL SUPPLY VOLTAGE
350
300
250
200
400
025
50
75
-25
-55
TEMPERATURE (
°C)
100
450
500
550
125
VS = ±2.5V
No Load
All comparators
SUPPLY CURRENT vs. TEMPERATURE
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
TA = 25°C
IOL= 12mA
0.0
0.2
0.4
0.5
0.6
0.1
0.3
NORMALIZED INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
+3
+2
+1
0
-1
-2
-3
-55
-25
0
25
50
125
100
75
VCM = 0V
VS = ±2.5V
0
-2
-4
-6
2
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
6
4
INPUT OFFSET VOLTAGE vs. SUPPLY
VOLTAGE REPRESENTATIVE SAMPLES
TA = 25°C
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
OUTPUT HIGH VOLTAGE
vs. SUPPLY VOLTAGE
TA = 25°C
IOH = -2mA
V+ -0.6
V+ -0.1
V+ -0.2
V+ -0.3
V+ -0.4
V+ -0.5
V+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com