Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2302ASAL Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD2302ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2302ASAL Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD2302ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ALD2302A/ALD2302
Advanced Linear Devices
5
TYPICAL APPLICATIONS
ZERO CROSSING DETECTOR
+
+3V
-5V
1/2 ALD2302
VOUT
VIN
50K
MULTIPLE RELAY DRIVE
+
+5V
+5V
1/2 ALD2302
VREF
VIN
VOLTAGE LEVEL TRANSLATOR
+
1/2 ALD2302
= 1.4V for TTL input
=
V+
for CMOS input
2
VOUT
VREF
VIN
V
REF
V
REF
Output V
OUT swings from rail-to-rail
V+ = +10V
DOUBLE DUAL LIMIT WINDOW COMPARATOR
VL1 and VH1 first limit window send warning
VL2 and VH2 second limit window execute
system cutoff
+
+
+12V
+12V
+
+
+12V
50K
47K
50K
VH2
VH1
VL1
VL2
ALD2302
ALD2302
VIN
+12V
+12V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com