Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPLH7025S-R20M Datasheet(PDF) 6 Page - Abracon Corporation

Part # AMPLH7025S-R20M
Description  Molded Inductor (Carbonyl)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPLH7025S-R20M Datasheet(HTML) 6 Page - Abracon Corporation

  AMPLH7025S-R20M Datasheet HTML 1Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 2Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 3Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 4Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 5Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Molded Inductor (Carbonyl)
AMPLH7025S
7.3 x 6.6 x 2.2 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/28/2024
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Tape & Reel: 1500 pcs/reel
Dimensions: mm
A0
B0
W
F
P
D
K0
T
7.10 Ref 8.10 Ref 16.00±0.30 7.50±0.10 12.00±0.10 1.50±0.10 2.70 Ref 0.35±0.05
Type
A
B
C
D
13” x 16mm
16.4+2.0/-0.0 100.0±2.0 13.0+0.5/-0.2 330.0±0.3
ATTENTION: Abracon LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s
products are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability where component failure could
result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon
LLC is required. Please contact Abracon LLC for more information.
Packaging



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com