Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPLH7025S-R20M Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMPLH7025S-R20M
Description  Molded Inductor (Carbonyl)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPLH7025S-R20M Datasheet(HTML) 1 Page - Abracon Corporation

  AMPLH7025S-R20M Datasheet HTML 1Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 2Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 3Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 4Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 5Page - Abracon Corporation AMPLH7025S-R20M Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Molded Inductor (Carbonyl)
AMPLH7025S
7.3 x 6.6 x 2.2 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/28/2024
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions
Isat: DC current at which the inductance drops 30% from its initial value.
Irms: DC current that causes the temperature rise (ΔT, approximate 40˚C) from 25˚C ambient.
Operating Temperature: -40˚C ~ +125˚C (including self-temperature rise)
Storage Condition: -40˚C ~ +125˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 85% max.
Operating Voltage: 50V (across inductor)
AMPLH7025S Series is RoHS Compliant and Pb free.
For saturation and temperature rise graphs, please visit Abracon | Power Inductor Performance Analyzer (PIPA)
Part Number
Inductance
Tolerance
DC Resistance
Saturation
Current
Temperature
Rise Current
0.1MHz/1.0V
Max.
Typ.
Typ.
Typ.
Units
μH
%
mΩ
A
A
Symbol
L
M
DCR
Isat
Irms
AMPLH7025S-R20M
0.20
±20
1.9
1.6
41.0
25.0
AMPLH7025S-R33M
0.33
±20
2.4
2.0
33.0
21.0
AMPLH7025S-R47M
0.47
±20
4.2
3.6
27.0
19.0
AMPLH7025S-R68M
0.68
±20
4.6
4.0
23.0
17.0
AMPLH7025S-1R0M
1.00
±20
6.8
5.9
17.0
15.0
AMPLH7025S-1R5M
1.50
±20
10.1
8.7
15.0
13.0
AMPLH7025S-2R2M
2.20
±20
14.7
12.8
12.0
10.0
AMPLH7025S-3R3M
3.30
±20
27.6
24.0
9.0
8.0
AMPLH7025S-4R7M
4.70
±20
36.8
32.0
8.0
7.0
AMPLH7025S-5R6M
5.60
±20
40.2
35.0
7.5
6.5
AMPLH7025S-6R8M
6.80
±20
50.6
44.0
7.0
6.0
AMPLH7025S-8R2M
8.20
±20
53.0
46.0
6.0
5.5
AMPLH7025S-100M
10.00
±20
73.6
64.0
5.5
5.0
•
Shielded construction
•
Soft saturation
•
Low DCR, High Efficiency
•
Designed for switching frequencies between
100KHz-2MHz
•
DC/DC Switching converters
•
Power supplies for Notebooks,
workstations, and Servers
•
Low Profile applications
•
High current, transient load applications
Electrical Specifications
Applications
Features


Similar Part No. - AMPLH7025S-R20M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMPLH7020S ABRACON-AMPLH7020S Datasheet
658Kb / 6P
Molded Inductor (Carbonyl)
2/27/2024
AMPLH7020S-100M ABRACON-AMPLH7020S-100M Datasheet
658Kb / 6P
Molded Inductor (Carbonyl)
2/27/2024
AMPLH7020S-120M ABRACON-AMPLH7020S-120M Datasheet
658Kb / 6P
Molded Inductor (Carbonyl)
2/27/2024
AMPLH7020S-1R0M ABRACON-AMPLH7020S-1R0M Datasheet
658Kb / 6P
Molded Inductor (Carbonyl)
2/27/2024
AMPLH7020S-1R5M ABRACON-AMPLH7020S-1R5M Datasheet
658Kb / 6P
Molded Inductor (Carbonyl)
2/27/2024
More results

Similar Description - AMPLH7025S-R20M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
Molded Axial Inductor
9250A BOURNS-9250A Datasheet
248Kb / 2P
Molded Axial Inductor
logo
Pulse A Technitrol Comp...
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shanghai Leiditech Elec...
LM0605H LEIDITECH-LM0605H Datasheet
937Kb / 9P
Carbonyl powder inductor.
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
Carbonyl Powder
logo
Shenzhen Codaca Electro...
CSEB0430H CODACA-CSEB0430H Datasheet
917Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com