Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4807 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 4807
Description  HIGH POWER SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

4807 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  4807 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
HIGH POWER SERIES
AM-BL4060BF Series
Nominal voltage
V
24
24
36
36
48
48
2409
2407
3609
3607
4809
4807
No load speed
±12%
rpm
9095
7074
9095
9095
7074
No load current Max 150%
mA
375
292
250
150
188
177.03
184.94
171.99
184.97
182.04
191.42
6530
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
8534
6425
8573
6539
8569
mA
7400
6000
4800
4000
3100
W
126.38
154.41
126.66
163.36
130.89
Rated Current
Rated Power
Starting current
mA
120000
77419
83721
52941
65753
40336
2614
3314
2573
3165
2508
3024
mN.m
Maximum power output
W
720.0
464.5
753.5
476.5
789.0
484.0
%
89
88
89
88
90
88
Maximum Efficiency
Terminal resistance ±12%
Ω
0.22
0.31
0.43
0.68
0.7319
1.17
2.72
2.55
2.60
2.49
2.49
2.45
mH
Z
Mechanical time constant
ms
86.51
86.51
86.51
86.51
86.51
86.51
Moment of inertia
gcm2
Torque constant
mN.m/A
25.2
32.4
37.8
48.6
50.4
64.8
rpm/V
379
295
253
196
189
147
Speed constant
Speed/torque gradient
rpm/mN.m
3.0
2.8
2.9
2.7
2.7
2.7
356
356
356
356
356
356
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:40GP
L1:45GP
L2:BL40 L3:EN22S L3:EN36T
Cable 2: Red
Winding B
35.3
46.8
58.3
60
10.7
12.0
Cable 3: Blue
Winding C
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 20#)
Stall torque
Inductance
(1KH )
5.6 K/W
6.0 N
110 N
≤0.02 mm
155ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1163 S
28.0 N
4.0 mm
0 (
<6.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-40GP
AM-45GP
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN3612T***
2~3 Channels
AM-BL4060BF Combiniation Scheme
For more combination specs, visit Assun Motor website.
3800
146
Download datasheet: https://assunmotor.com/documents-download
7074
158.2
Standard rear shaft diameter:
5 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
0.032
0.057
Nulll
Nulll
0.43
0.23
36.1
48.1
60.1
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 4807

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
4807 TUOFENG-4807 Datasheet
4Mb / 6P
P-Channel Enhancement Mode Power MOSFET
v1.0
logo
ASSUN MOTOR Pte Ltd.
4807 ASSUN-4807 Datasheet
340Kb / 1P
HIGH POWER SERIES
2023
4807 ASSUN-4807 Datasheet
219Kb / 1P
METAL BRUSH
2023-A
logo
Keystone Electronics Co...
4807 KEYSTONE-4807 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Filtran LTD
4807-01 FILTRAN-4807-01 Datasheet
89Kb / 1P
Power Transformers Fully Enclosed
More results

Similar Description - 4807

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EOC-20UW50 ETC1-EOC-20UW50 Datasheet
155Kb / 2P
HIGH-POWER CHIPLED - EOC - 20 SERIES
logo
Voltage Multipliers Inc...
HVP050P5000 VMI-HVP050P5000 Datasheet
142Kb / 2P
High Voltage Power Supply - 250W Series
logo
Rohm
PSL0102 ROHM-PSL0102 Datasheet
1Mb / 4P
High Power White LEDs SSML series
2012.01 - Rev.A
logo
Tyco Electronics
1623746 MACOM-1623746 Datasheet
43Kb / 1P
HIGH POWER RESISTORS SERIES ER74
1623772 MACOM-1623772 Datasheet
71Kb / 1P
HIGH POWER RESISTORS SERIES C7
logo
Bourns Electronic Solut...
SRR1208-100ML BOURNS-SRR1208-100ML Datasheet
344Kb / 2P
SRR1208 Series - Shielded High Power Inductors
logo
Lite-On Technology Corp...
LTPL-M02 LITEON-LTPL-M02 Datasheet
1Mb / 24P
LED HIGH POWER CoB Product Series
logo
Cooper Bussmann, Inc.
HCM1104-R56-R COOPER-HCM1104-R56-R Datasheet
1Mb / 6P
High Current Power Inductors HCM1104 Series
logo
Roithner LaserTechnik G...
LDMP-0905-10W-51 ROITHNER-LDMP-0905-10W-51 Datasheet
158Kb / 3P
LDMP- SERIES HIGH POWER PULSED
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
High Power Single High Power Single
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com