Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9701 Datasheet(PDF) 49 Page - GENESYS LOGIC

Part # GL9701
Description  PCI ExpressTM to PCI Bridge
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9701 Datasheet(HTML) 49 Page - GENESYS LOGIC

Back Button GL9701 Datasheet HTML 45Page - GENESYS LOGIC GL9701 Datasheet HTML 46Page - GENESYS LOGIC GL9701 Datasheet HTML 47Page - GENESYS LOGIC GL9701 Datasheet HTML 48Page - GENESYS LOGIC GL9701 Datasheet HTML 49Page - GENESYS LOGIC GL9701 Datasheet HTML 50Page - GENESYS LOGIC GL9701 Datasheet HTML 51Page - GENESYS LOGIC GL9701 Datasheet HTML 52Page - GENESYS LOGIC GL9701 Datasheet HTML 53Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
GL9701 PCI Express
TM to PCI Bridge
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 49
6.29 Offset 74h: PCI Express Device Capabilities Register
Bits
Type
Default
Description
2:0
RO
010b
Max_Payload_Size Supported –512 bytes max payload size is
supported.
4:3
RO
00b
Phantom Functions Supported –No function number bits used
for Phantom Functions; device may implement all function
numbers.
5
RO
0b
Extended Tag Field Supported –5-bit Tag field supported
8:6
RO
111b
Endpoint L0s Acceptable Latency –The acceptable total latency
that an Endpoint can withstand due to the transition from L0s state
to the L0 state is more than 4 µs.
11:9
RO
111b
Endpoint L1 Acceptable Latency –The acceptable latency that an
Endpoint can withstand due to the transition from L1 state to the
L0 state is more than 64 µs.
12
RO
0b
Attention Button Present – Not supported.
13
RO
0b
Attention Indicator Present – Not supported.
14
RO
0b
Power Indicator Present – Not supported.
17:15
RsvdP
000b
RsvdP
25:18
RO
00h
Captured Slot Power Limit Value – In combination with the Slot
Power Limit Scale value, specifies the upper limit on power
supplied by slot. This value is set by the Set_Slot_Power_Limit
Message
27:26
RO
00b
Captured Slot Power Limit Scale – Specifies the scale used for
the Slot Power Limit Value. This value is set by the
Set_Slot_Power_Limit Message.
6.30 Offset 78h: PCI Express Device Control Register
Bits
Type
Default
Description
0
RW
0b
Correctable Error Reporting Enable – This bit controls
reporting of correctable errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com