Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9701 Datasheet(PDF) 73 Page - GENESYS LOGIC

Part # GL9701
Description  PCI ExpressTM to PCI Bridge
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9701 Datasheet(HTML) 73 Page - GENESYS LOGIC

Back Button GL9701 Datasheet HTML 67Page - GENESYS LOGIC GL9701 Datasheet HTML 68Page - GENESYS LOGIC GL9701 Datasheet HTML 69Page - GENESYS LOGIC GL9701 Datasheet HTML 70Page - GENESYS LOGIC GL9701 Datasheet HTML 71Page - GENESYS LOGIC GL9701 Datasheet HTML 72Page - GENESYS LOGIC GL9701 Datasheet HTML 73Page - GENESYS LOGIC GL9701 Datasheet HTML 74Page - GENESYS LOGIC GL9701 Datasheet HTML 75Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
GL9701 PCI Express
TM to PCI Bridge
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 73
Refer to Section 7.6.4.1 for the spread spectrum requirements for 66 MHz. The clock may only be stopped in a
low state. A variance on this
specification is allowed for components designed for use on the system board only. These components may
operate at any single fixed frequency up to 33 MHz and may enforce a policy of no frequency changes.
2. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met across
the minimum peak-to-peak portion of the clock waveform as shown in Figure 4-7.
3. The minimum RST# slew rate applies only to the rising (deassertion) edge of the reset signal and ensures that
system noise cannot render an otherwise monotonic signal to appear to bounce in the switching range. RST#
waveforms and timing are discussed in Section 4.3.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com