Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL842 Datasheet(PDF) 39 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 39 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 35Page - GENESYS LOGIC GL842 Datasheet HTML 36Page - GENESYS LOGIC GL842 Datasheet HTML 37Page - GENESYS LOGIC GL842 Datasheet HTML 38Page - GENESYS LOGIC GL842 Datasheet HTML 39Page - GENESYS LOGIC GL842 Datasheet HTML 40Page - GENESYS LOGIC GL842 Datasheet HTML 41Page - GENESYS LOGIC GL842 Datasheet HTML 42Page - GENESYS LOGIC GL842 Datasheet HTML 43Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 39
Offset 57h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
BLOW4
BLOW3
BLOW2
BLOW1
BLOW0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 BLOW[4:0]
To latch B channel low byte data of AFE.
(1). Color,fine gray or fine line-art : 12 phase/pixel
0
1 2
3 4
5 6
7
8 9 10 11 0
1 2
3 4
5
6 7
8 9
10 11
R[15:8] R[7:0] G[15:8] G[7:0] B[15:8] B[7:0] R[15:8] R[7:0] G[15:8] G[7:0] B[15:8]
RHI = 01H
RLOW
= 03H
GHI = 05H
GLOW
= 07H
BHI = 09H
BLOW
= 11H
(2).Fast gray or fast line-art : 6 phase/pixel
0
1 2
3 4
5 0
1
2 3
4 5
0
1 2
3 4
5
0 1
2 3
4 5
R[15:8]
R[7:0]
R[15:8]
R[7:0]
R[15:8]
R[7:0]
R[15:8]
RHI = 02H RLOW = 05H
Offset 58h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
VSMP4
VSMP3
VSMP2
VSMP1
VSMP0
VSMPW2
VSMPW1
VSMPW0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-3 VSMP[4:0]
To set the rising edge position of image sampling for AFE.
2-0 VSMPW[2:0]
To set the pulse width of image sampling.
(1). Color,fine gray or fine line-art : 12 phase/pixel
5
6 7
8
9 10 11 0 1 2
3 4
5
6 7
8
9 10 11 0 1
2 3 4
AFE VSMP
Reg58=52H : VSMP[4:0]=10H
VSMPW[2:0]=2H
(2). Fast gray or fast line-art : 6 phase/pixel
0
1 2
3 4
5
0 1
2 3
4
5 0
1
2 3 4
5
0 1
2
3 4 5
VSMP
Reg58=0BH : VSMP[4:0]=01H
VSMPW=3H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com