Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL842 Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 17Page - GENESYS LOGIC GL842 Datasheet HTML 18Page - GENESYS LOGIC GL842 Datasheet HTML 19Page - GENESYS LOGIC GL842 Datasheet HTML 20Page - GENESYS LOGIC GL842 Datasheet HTML 21Page - GENESYS LOGIC GL842 Datasheet HTML 22Page - GENESYS LOGIC GL842 Datasheet HTML 23Page - GENESYS LOGIC GL842 Datasheet HTML 24Page - GENESYS LOGIC GL842 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 21
Offset 07h ……………………………………………..…………..……..………. Default value = 8’h00
X
X
X
X
SRAMSEL FASTDMA DMASEL DMARDWR
X
X
X
X
R/W
R/W
R/W
R/W
7-4 RESERVED
-
3 SRAMSEL
0 DMA access for DRAM.
1 DMA access for SRAM.
2 FASTDMA
0 4clocks/access,that is to say 4clocks/16bits or 4clocks/8bits for DMA access.
1 2clocks/access,that is to say 2clocks/16bits or 2clocks/8bits for DMA access.
1 DMASEL
0 MPU access DRAM under command mode.
1 DMA access DRAM under command mode.
0 DMARDWR
0 DMA write DRAM under command mode.
1 DMA read DRAM under command mode.
Note: DMA operation can be processed under CPU and DMA type.
Offset 08h ……………………………………………..…………..……..………. Default value = 8’h00
X
DECFLAG GMMFFR GMMFFG GMMFFB
GMMZR
GMMZG
GMMZB
X
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 RESERVED
-
6 DECFLAG
0 Gamma table is increment type
1 Gamma table is decrement type.
5 GMMFFR
To indicate that red channel Gamma table address FFH is special value.
4 GMMFFG
To indicate that red channel Gamma table address FFH is special value.
3 GMMFFB
To indicate that red channel Gamma table address FFH is special value.
2 GMMZR
To indicate that red channel Gamma table address 00H is special value.
1 GMMZG
To indicate that green channel Gamma table address 00H is special value.
0 GMMZB
To indicate that blue channel Gamma table address 00H is special value.
Offset 09h ……………………………………………..…………..……..………. Default value = 8’h00
MCNTSET1 MCNTSET0
CLKSET1 CLKSET0 BACKSCAN ENHANCE SHORTTG
NWAIT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 MCNTSET[1:0] To select the unit of motor table counter.
00 Pixel count.
01 System clock*2.
10 System clock*3.
11 System clock*4.
5-4 CLKSET[1:0]
To select the system clock frequency.
00 24 MHz
01 30 MHz
10 40 MHz
11 48 MHz
3 BACKSCAN
0 To select forward scan function.
1 To enable backward scan function.
2 ENHANCE
0 To select normal EPP interface speed for USB2.0
1 To enhance EPP interface speed for USB2.0
1 SHORTTG
Enable short CCD SH(TG) period for film scanning.
0 NWAIT
To delay nWait (H_BUSY) one clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com